전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVTH16543DGGRE4 데이터시트(PDF) 2 Page - Texas Instruments

부품명 74LVTH16543DGGRE4
상세설명  3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74LVTH16543DGGRE4 데이터시트(HTML) 2 Page - Texas Instruments

  74LVTH16543DGGRE4 Datasheet HTML 1Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 2Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 3Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 4Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 5Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 6Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 7Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 8Page - Texas Instruments 74LVTH16543DGGRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN54LVTH16543, SN74LVTH16543
3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS699D – JULY 1997 – REVISED APRIL 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
When VCC is between 0 and 1.5 V, the devices are in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 1.5 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
These devices are fully specified for hot-insertion applications using Ioff and power-up 3-state. The Ioff circuitry
disables the outputs, preventing damaging current backflow through the devices when they are powered down.
The power-up 3-state circuitry places the outputs in the high-impedance state during power up and power down,
which prevents driver conflict.
The SN54LVTH16543 is characterized for operation over the full military temperature range of –55
°C to 125°C.
The SN74LVTH16543 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE†
(each 8-bit section)
INPUTS
OUTPUT
CEAB
LEAB
OEAB
A
B
H
X
X
X
Z
X
XH
X
Z
L
HL
X
B0‡
L
LL
L
L
L
L
L
H
H
† A-to-B data flow is shown; B-to-A flow control is the
same except that it uses CEBA, LEBA, and OEBA.
‡ Output level before the indicated steady-state
input conditions were established


유사한 부품 번호 - 74LVTH16543DGGRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74LVTH16543DGGRE4 TI-74LVTH16543DGGRE4 Datasheet
216Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74LVTH16543DGGRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54LVTH16543 TI-SN54LVTH16543_07 Datasheet
258Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16543 TI-SN54LVT16543 Datasheet
145Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16952 TI-SN54LVTH16952 Datasheet
211Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16543 TI1-SN54LVT16543_15 Datasheet
830Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16543 TI-SN54LVTH16543_06 Datasheet
216Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16952 TI-SN54LVTH16952_07 Datasheet
353Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16952 TI-SN54LVT16952 Datasheet
194Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT543 TI-SN54LVT543_07 Datasheet
385Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT543 TI-SN54LVT543 Datasheet
335Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH543 TI-SN54LVTH543_08 Datasheet
528Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com