전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM2527-41L 데이터시트(PDF) 1 Page - Stealth Microwave, Inc.

부품명 SM2527-41L
상세설명  2500-2700 MHz 12 Watt Ultra Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
홈페이지  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2527-41L 데이터시트(HTML) 1 Page - Stealth Microwave, Inc.

  SM2527-41L Datasheet HTML 1Page - Stealth Microwave, Inc. SM2527-41L Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2527-41L
2500-2700 MHz
12 Watt Ultra Linear Power Amplifier
FOR MMDS APPLICATIONS
Parameter
Specification
Frequency Range
2.5 - 2.7 GHz
Pout (P1dB)
+ 41 dBm
Third Order Intercept
Point
+ 60 dBm
Linear Gain
55 dB ± 2 dB
Gain Flatness over
Full Band
± .5 dB
Gain Change over
Temperature
± .5 dB
Input/Output Return Loss
-16 dB /-18dB
DC Input Voltage
+ 12 Volts
DC Input Current
5.0 Amperes
(Varies per application)
Mechanical Dimensions
7.5 x 4.0 x 2.0 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM2527-41L is a 2.5 to 2.7 GHz solid
state GaAs FET amplifier designed for the
Multichannel
Multipoint
Distribution
System (MMDS) market. The unit provides
+41 dBm of output power at P1dB, 55 dB of
linear gain, and an OIP3 of +60 dBm. Our
proprietary
pre-distortion
technique
improves the OIP3 by almost 9 dB. This
amplifier is available in modular form
(standard),
or
in
a
19”
rack
mount
configuration.
Features
• Built-in linearizer
• Single Power Supply
• Over Voltage Protection
• Thermal Protection with Auto Reset
• Temperature Compensation
• Integral Output Isolator
Options
• Forward/Reverse Power Detection
• RF Sampling
• Pulse Control of up to 10 µs
• Logic On/Off Control
• Integral Heatsink
Configurations
• Module
• 19” Rack


유사한 부품 번호 - SM2527-41L

제조업체부품명데이터시트상세설명
logo
Stealth Microwave, Inc.
SM2527-41 STEALTH_MICROWAVE-SM2527-41 Datasheet
173Kb / 3P
   2500-2700 MHz 12 Watt Linear Power Amplifier
More results

유사한 설명 - SM2527-41L

제조업체부품명데이터시트상세설명
logo
Stealth Microwave, Inc.
SM2527-41 STEALTH_MICROWAVE-SM2527-41 Datasheet
173Kb / 3P
   2500-2700 MHz 12 Watt Linear Power Amplifier
SM2527-44L STEALTH_MICROWAVE-SM2527-44L Datasheet
162Kb / 3P
   2500-2700 MHz 25 Watt Ultra Linear Power Amplifier
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM2527-50 STEALTH_MICROWAVE-SM2527-50 Datasheet
145Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM2527-47 STEALTH_MICROWAVE-SM2527-47 Datasheet
122Kb / 3P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM2527-50L STEALTH_MICROWAVE-SM2527-50L Datasheet
113Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM2527-37HS STEALTH_MICROWAVE-SM2527-37HS Datasheet
66Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2527-47L STEALTH_MICROWAVE-SM2527-47L Datasheet
150Kb / 4P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM2527-37H STEALTH_MICROWAVE-SM2527-37H Datasheet
93Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2527-44 STEALTH_MICROWAVE-SM2527-44 Datasheet
54Kb / 2P
   2500-2700 MHz 25 Watt Linear Power Amplifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com