전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4V7BS 데이터시트(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

부품명 4V7BS
상세설명  SILICON PLANAR ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
홈페이지  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

4V7BS 데이터시트(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  4V7BS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 4V7BS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 4V7BS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 4V7BS Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. 4V7BS Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. 4V7BS Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Dated : 25/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BS Series
Characteristics at Ta = 25 OC
Zener Voltage
1)
Maximum Dynamic
Resistance
Reverse Leakage
Current
2) (I
R at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
(Ω) at
lZT
lZT (mA)
IR (µA) Max.
VR (V)
5V6BS
5.29
5.88
5V6BSA
5.29
5.52
5V6BSB
5.46
5.7
5V6BSC
5.64
5.88
5
40
5
5
2.5
6V2BS
5.81
6.4
6V2BSA
5.81
6.06
6V2BSB
5.99
6.24
6V2BSC
6.16
6.4
5
30
5
5
3
6V8BS
6.32
6.97
6V8BSA
6.32
6.59
6V8BSB
6.52
6.79
6V8BSC
6.70
6.97
5
25
5
2
3.5
7V5BS
6.88
7.64
7V5BSA
6.88
7.19
7V5BSB
7.11
7.41
7V5BSC
7.33
7.64
5
25
5
0.5
4
8V2BS
7.56
8.41
8V2BSA
7.56
7.9
8V2BSB
7.82
8.15
8V2BSC
8.07
8.41
5
20
5
0.5
5
9V1BS
8.33
9.29
9V1BSA
8.33
8.7
9V1BSB
8.61
8.99
9V1BSC
8.89
9.29
5
20
5
0.5
6
10BS
9.19
10.3
10BSA
9.19
9.59
10BSB
9.48
9.9
10BSC
9.82
10.3
5
20
5
0.2
7
1) Tested with pulse tp = 20 ms.
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.


유사한 부품 번호 - 4V7BS

제조업체부품명데이터시트상세설명
logo
SEMTECH ELECTRONICS LTD...
4V7BC SEMTECH_ELEC-4V7BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
4V7BCA SEMTECH_ELEC-4V7BCA Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
4V7BCB SEMTECH_ELEC-4V7BCB Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
4V7BCC SEMTECH_ELEC-4V7BCC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
More results

유사한 설명 - 4V7BS

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com