전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BZX1.5C110 데이터시트(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

부품명 BZX1.5C110
상세내용  SILICON PLANAR ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
홈페이지  http://www.semtech.net.cn
Logo 

BZX1.5C110 데이터시트(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 2 / 2 page
background image
Dated : 12/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BZX1.5C
Characteristics at Tj = 25 OC
Zener Voltage Range
1)
Maximum Dynamic Resistance
Maximum Reverse
Leakage Current
Type
VZnom
(V)
VZT (V)
IZT (mA)
(Ω) at IZT
(Ω) at IZK
IZK (mA)
IR (µA)
VR (V)
Maximum
DC Zener
Current
2)
IZM (mA)
BZX1.5C3V3
3.3
3.1…3.5
113.6
10
500
1
100
1
454
BZX1.5C3V6
3.6
3.4…3.8
104.2
9
500
1
75
1
416
BZX1.5C3V9
3.9
3.7…4.1
96.1
7.5
500
1
25
1
384
BZX1.5C4V3
4.3
4…4.6
87.2
6
500
1
5
1
348
BZX1.5C4V7
4.7
4.4…5
79.8
5
500
1
5
1.5
319
BZX1.5C5V1
5.1
4.8…5.4
73.5
4
350
1
5
2
294
BZX1.5C5V6
5.6
5.2…6
66.9
2
250
1
5
3
267
BZX1.5C6V2
6.2
5.8…6.6
60.5
2
200
1
5
4
241
BZX1.5C6V8
6.8
6.4…7.2
55.1
2.5
200
1
5
5.2
220
BZX1.5C7V5
7.5
7…7.9
50
3
400
0.5
5
6.8
200
BZX1.5C8V2
8.2
7.7…8.7
45.7
3.5
400
0.5
5
6.5
182
BZX1.5C9V1
9.1
8.5…9.6
41.2
4
500
0.5
5
7
164
BZX1.5C10
10
9.4…10.6
37.5
4.5
500
0.25
5
8
150
BZX1.5C11
11
10.4…11.6
34.1
5.5
550
0.25
1
8.4
136
BZX1.5C12
12
11.4…12.7
31.2
6.5
550
0.25
1
9.1
125
BZX1.5C13
13
12.4…14.1
28.8
7
550
0.25
1
9.9
115
BZX1.5C15
15
13.8…15.6
25
9
550
0.25
1
11.4
100
BZX1.5C16
16
15.3…17.1
23.4
10
600
0.25
1
12.2
93
BZX1.5C18
18
16.8…19.1
20.8
12
600
0.25
1
13.7
83
BZX1.5C20
20
18.8…21.2
18.7
14
650
0.25
1
15.2
75
BZX1.5C22
22
20.8…23.3
17
17.5
650
0.25
1
16.7
68
BZX1.5C24
24
22.8…25.6
15.6
19
700
0.25
1
18.2
62
BZX1.5C27
27
25.1…28.9
13.9
23
700
0.25
1
20.6
55
BZX1.5C30
30
28…32
12.5
26
750
0.25
1
22.8
50
BZX1.5C33
33
31…35
11.4
33
800
0.25
1
25.1
45
BZX1.5C36
36
34…38
10.4
38
850
0.25
1
27.4
41
BZX1.5C39
39
37…41
9.6
45
900
0.25
1
29.7
38
BZX1.5C43
43
40…46
8.7
53
950
0.25
1
32.7
34
BZX1.5C47
47
44…50
8
67
1000
0.25
1
35.8
31
BZX1.5C51
51
48…54
7.3
70
1100
0.25
1
38.8
29
BZX1.5C56
56
52…60
6.7
86
1300
0.25
1
42.6
26
BZX1.5C62
62
58…66
6
100
1500
0.25
1
44.1
24
BZX1.5C68
68
64…72
5.5
120
1700
0.25
1
51.7
22
BZX1.5C75
75
70…79
5
140
2000
0.25
1
56
20
BZX1.5C82
82
77…87
4.6
160
2500
0.25
1
62.2
18
BZX1.5C91
91
85…96
4.1
200
3000
0.25
1
69.2
16
BZX1.5C100
100
94…106
3.7
250
3100
0.25
1
76
15
BZX1.5C110
110
104…116
3.4
300
4000
0.25
1
83.6
13
BZX1.5C120
120
114…127
2.1
380
4500
0.25
1
91.2
12
BZX1.5C130
130
124…141
2.9
450
5000
0.25
1
98.8
11
BZX1.5C150
150
138…156
2.5
600
6000
0.25
1
114
10
BZX1.5C160
160
153…171
2.3
700
6500
0.25
1
121.6
9
BZX1.5C180
180
168…191
2.1
900
7000
0.25
1
136.8
8
BZX1.5C200
200
188…212
1.9
1200
8000
0.25
1
152
7
1) Tested with pulse tp = 20 ms.
2) Valid provided that leads at a distance of 8mm from case are kept at ambient temperature.


Html Pages

1  2 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
BZX84CSILICON PLANAR ZENER DIODES 1 2 3 SEMTECH ELECTRONICS LTD.
BZV85CSILICON PLANAR POWER ZENER DIODES 1 2 3 SEMTECH ELECTRONICS LTD.
BZX55T2V4SILICON EPITAXIAL PLANAR ZENER DIODES 1 2 3 4 SEMTECH ELECTRONICS LTD.
BZT2V0SILICON PLANAR ZENER DIODES 1 2 SEMTECH ELECTRONICS LTD.
BZX15CSILICON PLANAR ZENER DIODES 1 2 Semtech Corporation
ZS3C-1SILICON PLANAR ZENER DIODES 1 SEMTECH ELECTRONICS LTD.
BZX79CSILICON PLANAR ZENER DIODES 1 2 3 SEMTECH ELECTRONICS LTD.
BZX83CSILICON EPITAXIAL PLANAR ZENER DIODES 1 2 SEMTECH ELECTRONICS LTD.
BZT55C2V4SILICON EPITAXIAL PLANAR ZENER DIODES 1 2 3 4 5 SEMTECH ELECTRONICS LTD.
BZT52C3V0Surface mount Silicon Planar Zener Diodes Silizium-Planar-Zener-Dioden fur die Oberflahenmontage 1 2 Diotec Semiconductor

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn