전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC10-24S33 데이터시트(PDF) 3 Page - Power Mate Technology Co., LTD

부품명 FDC10-24S33
상세설명  10 WATTS OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  P-DUKE [Power Mate Technology Co., LTD]
홈페이지  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FDC10-24S33 데이터시트(HTML) 3 Page - Power Mate Technology Co., LTD

  FDC10-24S33 Datasheet HTML 1Page - Power Mate Technology Co., LTD FDC10-24S33 Datasheet HTML 2Page - Power Mate Technology Co., LTD FDC10-24S33 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3 Issued Date:2008/05/21
PIN CONNECTION
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
3
+ OUTPUT
+ OUTPUT
4
NO PIN
COMMON
5
- OUTPUT
- OUTPUT
6
CTRL (Option)
CTRL (Option)
Recommended Filter for EN55022 Class B Compliance
The components used in the above figure, together with the
manufacturers’ part numbers for these components, are as
follows:
C1
C2
C3
C4
L1
FDC10-
12xxx
3.3μF/50V
1812 MLCC
N/A
1000P/2KV
MLCC
1000P/2KV
MLCC
325μH
Common
Choke
PMT-050
FDC10-
24xxx
2.2μF/50V
1812 MLCC
N/A
1000P/2KV
MLCC
1000P/2KV
MLCC
325μH
Common
Choke
PMT-050
FDC10-
48xxx
2.2μF/100V
1812 MLCC
2.2μF/100V
1812 MLCC
1000P/2KV
MLCC
1000P/2KV
MLCC
325μH
Common
Choke
PMT-050
Recommended EN55022 Class B Filter Circuit Layout
1. All dimensions in Inches (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01(0.25)
3. Pin dimension tolerance ±0.004 (0.1)


유사한 부품 번호 - FDC10-24S33

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FDC10-24S33 ETC1-FDC10-24S33 Datasheet
98Kb / 2P
   10 watts of output power from a 2 x 1 x 0.4 inch package
logo
Astrodyne Corporation
FDC10-24S33 ASTRODYNE-FDC10-24S33 Datasheet
369Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC10-24S33 P-DUKE-FDC10-24S33 Datasheet
425Kb / 3P
   10 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC10-24S33 ASTRODYNE-FDC10-24S33 Datasheet
206Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
More results

유사한 설명 - FDC10-24S33

제조업체부품명데이터시트상세설명
logo
Wall Industries,Inc.
JRW WALL-JRW_16 Datasheet
423Kb / 5P
   10 Watts Maximum Output Power
logo
List of Unclassifed Man...
AA10B ETC-AA10B Datasheet
52Kb / 2P
   10 Watts(NEW 3.3V Output)
logo
Power Mate Technology C...
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
276Kb / 3P
   12 WATTS OUTPUT POWER
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
FKC08-24S3P3W P-DUKE-FKC08-24S3P3W Datasheet
302Kb / 3P
   8 WATTS OUTPUT POWER
logo
Qualtek Electronics Cor...
QFWB-10 QUALTEK-QFWB-10 Datasheet
286Kb / 2P
   10 Watts Single Output Wall Mount
logo
RSG Electronic Componen...
FKC08 RSG-FKC08 Datasheet
158Kb / 3P
   8 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FKC12-12S2P5 P-DUKE-FKC12-12S2P5 Datasheet
273Kb / 3P
   12 WATTS OUTPUT POWER
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com