전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC20-24T3312 데이터시트(PDF) 2 Page - Power Mate Technology Co., LTD

부품명 FDC20-24T3312
상세설명  20 WATTS OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  P-DUKE [Power Mate Technology Co., LTD]
홈페이지  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FDC20-24T3312 데이터시트(HTML) 2 Page - Power Mate Technology Co., LTD

  FDC20-24T3312 Datasheet HTML 1Page - Power Mate Technology Co., LTD FDC20-24T3312 Datasheet HTML 2Page - Power Mate Technology Co., LTD FDC20-24T3312 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3 Issued Date:2008/05/21
Output Current
Input Current
Model
Number
Input Range
Output
Voltage
Min. load
Full load
Output
(4)
Ripple &
Noise
No load
(3)
Full load
(2)
Eff
(4)
(%)
Capacitor
(5)
Load max
FDC20-12S33
9 – 18 VDC
3.3 VDC
280mA
4000mA
75mVp-p
40mA
1507mA
77
13000μF
FDC20-12S05
9 – 18 VDC
5 VDC
280mA
4000mA
75mVp-p
15mA
2193mA
80
6800μF
FDC20-12S12
9 – 18 VDC
12 VDC
134mA
1670mA
75mVp-p
40mA
2110mA
83
2200μF
FDC20-12S15
9 – 18 VDC
15 VDC
106mA
1330mA
75mVp-p
20mA
2083mA
84
755μF
FDC20-12D05
9 – 18 VDC
± 5 VDC
± 140mA
± 2000mA
100mVp-p
15mA
2136mA
82
± 3400μF
FDC20-12D12
9 – 18 VDC
± 12 VDC
± 67mA
± 833mA
100mVp-p
35mA
2110mA
83
± 680μF
FDC20-12D15
9 – 18 VDC
± 15 VDC
± 53mA
± 666mA
100mVp-p
35mA
2110mA
83
± 450μF
FDC20-12T3312
9 – 18 VDC
3.3 / ± 12 VDC 300 / ± 30mA
3000 / ± 300mA
50/ ± 120mVp-p
20mA
1900mA
79
4700 / ± 220
μF
FDC20-12T3315
9 – 18 VDC
3.3 / ± 15 VDC 300 / ± 25mA
3000 / ± 250mA
50/ ± 150mVp-p
35mA
1933mA
79
4700 / ± 220
μF
FDC20-12T0512
9 – 18 VDC
5 / ± 12 VDC
200 / ± 30mA
2000 / ± 300mA
50/ ± 120mVp-p
20mA
1885mA
80
4700 / ± 220
μF
FDC20-12T0515
9 – 18 VDC
5 / ± 15 VDC
200 / ± 25mA
2000 / ± 250mA
50/ ± 150mVp-p
40mA
1919mA
80
4700 / ± 220
μF
FDC20-24S33 (W) 18 – 36 (9 – 36) VDC
3.3 VDC
280mA
4000mA
75mVp-p
10(20)mA
733 (764mA)
79 (76)
13000μF
FDC20-24S05 (W) 18 – 36 (9 – 36) VDC
5 VDC
280mA
4000mA
75mVp-p
10(10)mA 1082 (1111mA) 81 (79)
6800μF
FDC20-24S12 (W) 18 – 36 (9 – 36) VDC
12 VDC
134mA
1670mA
75mVp-p
10(20)mA 1018 (1082mA) 86 (81)
2200μF
FDC20-24S15 (W) 18 – 36 (9 – 36) VDC
15 VDC
106mA
1330mA
75mVp-p
15(20)mA 1018 (1082mA) 86 (81)
755μF
FDC20-24D05 (W) 18 – 36 (9 – 36) VDC
± 5 VDC
± 140mA
± 2000mA
100mVp-p
20(15)mA 1028 (1111mA) 85 (79)
± 3400μF
FDC20-24D12 (W) 18 – 36 (9 – 36) VDC
± 12 VDC
± 67mA
± 833mA
100mVp-p
25(20)mA 1016 (1068mA) 86 (82)
± 680μF
FDC20-24D15 (W) 18 – 36 (9 – 36) VDC
± 15 VDC
± 53mA
± 666mA
100mVp-p
30(25)mA 1015 (1068mA) 86 (82)
± 450μF
FDC20-24T3312
18 – 36 VDC
3.3 / ± 12 VDC 300 / ± 30mA
3000 / ± 300mA
50/ ± 120mVp-p
20mA
914mA
82
4700 / ± 220
μF
FDC20-24T3315
18 – 36 VDC
3.3 / ± 15 VDC 300 / ± 25mA
3000 / ± 250mA
50/ ± 150mVp-p
20mA
967mA
79
4700 / ± 220
μF
FDC20-24T0512
18 – 36 VDC
5 / ± 12 VDC
200 / ± 30mA
2000 / ± 300mA
50/ ± 120mVp-p
25mA
907mA
83
4700 / ± 220
μF
FDC20-24T0515
18 – 36 VDC
5 / ± 15 VDC
200 / ± 25mA
2000 / ± 250mA
50/ ± 150mVp-p
10mA
922mA
83
4700 / ± 220
μF
FDC20-48S33 (W) 36 – 75 (18 – 75) VDC
3.3 VDC
280mA
4000mA
75mVp-p
10(15)mA
367 (377mA)
79 (77)
13000μF
FDC20-48S05 (W) 36 – 75 (18 – 75) VDC
5 VDC
280mA
4000mA
75mVp-p
10(10)mA
543 (548mA)
82 (80)
6800μF
FDC20-48S12 (W) 36 – 75 (18 – 75) VDC
12 VDC
134mA
1670mA
75mVp-p
15(10)mA
509 (536mA)
86 (82)
2200μF
FDC20-48S15 (W) 36 – 75 (18 – 75) VDC
15 VDC
106mA
1330mA
75mVp-p
25(10)mA
506 (532mA)
86 (82)
755μF
FDC20-48D05 (W) 36 – 75 (18 – 75) VDC
± 5 VDC
± 140mA
± 2000mA
100mVp-p
15(10)mA
514 (541mA)
85 (81)
± 3400μF
FDC20-48D12 (W) 36 – 75 (18 – 75) VDC ± 12 VDC
± 67mA
± 833mA
100mVp-p
15(15)mA
502 (527mA)
87 (83)
± 680μF
FDC20-48D15 (W) 36 – 75 (18 – 75) VDC ± 15 VDC
± 53mA
± 666mA
100mVp-p
20(20)mA
502 (527mA)
87 (83)
± 450μF
FDC20-48T3312
36 – 75 VDC
3.3 / ± 12 VDC 300 / ± 30mA
3000 / ± 300mA
50/ ± 120mVp-p
10mA
457mA
82
4700 / ± 220
μF
FDC20-48T3315
36 – 75 VDC
3.3 / ± 15 VDC 300 / ± 25mA
3000 / ± 250mA
50/ ± 150mVp-p
10mA
464mA
82
4700 / ± 220
μF
FDC20-48T0512
36 – 75 VDC
5 / ± 12 VDC
200 / ± 30mA
2000 / ± 300mA
50/ ± 120mVp-p
15mA
448mA
84
4700 / ± 220
μF
FDC20-48T0515
36 – 75 VDC
5 / ± 15 VDC
200 / ± 25mA
2000 / ± 250mA
50/ ± 150mVp-p
15mA
456mA
84
4700 / ± 220
μF
(12)FDC20-24D3305 and FDC20-48D3305, Output 3.3V(3A)/5V(2A), Detail Spec. Contact Factory.
FDC20-48S05 Derating Curve
0
20
40
60
80
100
120
-40
-20
0
204060
80
100
120
AMBIENT TEMPERATURE(℃)
56.1
FDC20-48S05 Derating Curve
With Heatsink (Note 5 )
0
20
40
60
80
100
120
-40
-20
0
2040
6080
100
120
AMBIENT TEMPERATURE(℃)
63.8
(Note 9)
Note
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2.
Maximum value at nominal input voltage and full load.
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
The output requires a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices,
however they may not meet all listed specification.
7.
Cross regulation : Dual output—Asymmetrical load 25% to 100% full load
Triple output – 3.3V / 5V 100% load and one of auxiliary 100% load, other auxiliary load change from 25% to 100% load
8.
The ON/OFF control pin voltage is referenced to -Vin
9.
Heat sink is optional and P/N: 7G-0011C-F and the operation temperature range please see curve.
10. The FDC20 series can meet EN55022 Class A with parallel an external capacitor to the input pins.
Recommend: 12Vin : 6.8μF/50V 1812 MLCC .
24Vin : N/A.
48Vin : 2.2μF/100V 1812 MLCC .
11. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220μF/100V, ESR 48mΩ.
12. The FDC20-24D3305 and FDC20-48D3305 are safety approval pending.


유사한 부품 번호 - FDC20-24T3312

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FDC20-24T3312 ETC2-FDC20-24T3312 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
FDC20-24T3312 ASTRODYNE-FDC20-24T3312 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC20-24T3312 P-DUKE-FDC20-24T3312 Datasheet
347Kb / 3P
   20 WATTS DC-DC CONVERTER
More results

유사한 설명 - FDC20-24T3312

제조업체부품명데이터시트상세설명
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
SDC20-48S2P0 P-DUKE-SDC20-48S2P0 Datasheet
148Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
FED20-12S1P5 P-DUKE-FED20-12S1P5 Datasheet
247Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
FED20-24S3P3W P-DUKE-FED20-24S3P3W Datasheet
262Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
JFC20 WALL-JFC20 Datasheet
253Kb / 5P
   20 Watts Maximum Output Power
logo
Artesyn Technologies
AXA04F18-L ARTESYN-AXA04F18-L Datasheet
414Kb / 2P
   POWER 20 Watts
logo
Astec America, Inc
AUG08M48 ASTEC-AUG08M48 Datasheet
91Kb / 2P
   20 Watts Embedded Power
AVC06S04 ASTEC-AVC06S04 Datasheet
78Kb / 2P
   20 Watts Embedded Power
logo
Artesyn Technologies
AET06G18-L ARTESYN-AET06G18-L Datasheet
473Kb / 3P
   Total Power: 20 Watts
logo
Power Mate Technology C...
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com