전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ABT3613 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74ABT3613
상세설명  64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT3613 데이터시트(HTML) 1 Page - Texas Instruments

  SN74ABT3613 Datasheet HTML 1Page - Texas Instruments SN74ABT3613 Datasheet HTML 2Page - Texas Instruments SN74ABT3613 Datasheet HTML 3Page - Texas Instruments SN74ABT3613 Datasheet HTML 4Page - Texas Instruments SN74ABT3613 Datasheet HTML 5Page - Texas Instruments SN74ABT3613 Datasheet HTML 6Page - Texas Instruments SN74ABT3613 Datasheet HTML 7Page - Texas Instruments SN74ABT3613 Datasheet HTML 8Page - Texas Instruments SN74ABT3613 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
SN74ABT3613
64
× 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
WITH BUS MATCHING AND BYTE SWAPPING
SCBS128F – JULY 1992 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low-Power Advanced BiCMOS Technology
D Free-Running CLKA and CLKB Can Be
Asynchronous or Coincident
D 64 × 36 FIFO Buffering Data From Port A to
Port B
D Mailbox-Bypass Registers in Each
Direction
D Dynamic Port-B Bus Sizing of 36 Bits (Long
Word), 18 Bits (Word), and 9 Bits (Byte)
D Selection of Big- or Little-Endian Format for
Word and Byte Bus Sizes
D Three Modes of Byte-Order Swapping on
Port B
D Programmable Almost-Full and
Almost-Empty Flags
D Microprocessor Interface Control Logic
D FF and AF Flags Synchronized by CLKA
D EF and AE Flags Synchronized by CLKB
D Passive Parity Checking on Each Port
D Parity Generation Can Be Selected for Each
Port
D Supports Clock Frequencies up to 67 MHz
D Fast Access Times of 10 ns
D Package Options Include 120-Pin Thin
Quad Flat (PCB) and 132-Pin Quad Flat
(PQ) Packages
description
The SN74ABT3613 is a high-speed, low-power BiCMOS clocked FIFO memory. It supports clock frequencies
up to 67 MHz and has read-access times as fast as 10 ns. A 64
× 36 dual-port SRAM FIFO in this device buffers
data from port A to port B. The FIFO has flags to indicate empty and full conditions and two programmable flags
(almost full and almost empty) to indicate when a selected number of words is stored in memory. FIFO data on
port B can be output in 36-bit, 18-bit, and 9-bit formats, with a choice of big- or little-endian configurations. Three
modes of byte-order swapping are possible with any bus-size selection. Communication between each port can
bypass the FIFO via two 36-bit mailbox registers. Each mailbox register has a flag to signal when new mail has
been stored. Parity is checked passively on each port and can be ignored if not desired. Parity generation can
be selected for data read from each port.
The SN74ABT3613 is a clocked FIFO, which means each port employs a synchronous interface. All data
transfers through a port are gated to the low-to-high transition of a continuous (free-running) port clock by enable
signals. The continuous clocks for each port are independent of one another and can be asynchronous or
coincident. The enables for each port are arranged to provide a simple interface between microprocessors
and/or buses controlled by a synchronous interface.
The full flag (FF) and almost-full (AF) flag of a FIFO are two-stage synchronized to the port clock that writes data
to its array. The empty flag (EF) and almost-empty (AE) flag of a FIFO are two-stage synchronized to the port
clock that reads data from its array.
The SN74ABT3613 is characterized for operation from 0
°C to 70°C.
For more information on this device family, see the following application reports:
D FIFO Mailbox-Bypass Registers: Using Bypass Registers to Initialize DMA Control
(literature number SCAA007)
D Advanced Bus-Matching/Byte-Swapping Features for Internetworking FIFO Applications
(literature number SCAA014)
D Parity-Generate and Parity-Check Features for High-Bandwidth-Computing FIFO Applications
(literature number SCAA015)
D Internetworking the SN74ABT3614 (literature number SCAA018)
D Metastability Performance of Clocked FIFOs (literature number SCZA004)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


유사한 부품 번호 - SN74ABT3613

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ABT3613 TI1-SN74ABT3613 Datasheet
551Kb / 35P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3613-15PCB TI1-SN74ABT3613-15PCB Datasheet
551Kb / 35P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3613-15PQ TI1-SN74ABT3613-15PQ Datasheet
551Kb / 35P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3613-20PCB TI1-SN74ABT3613-20PCB Datasheet
551Kb / 35P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3613-20PQ TI1-SN74ABT3613-20PQ Datasheet
551Kb / 35P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
More results

유사한 설명 - SN74ABT3613

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ABT3614 TI-SN74ABT3614 Datasheet
636Kb / 41P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN54ABT3614 TI-SN54ABT3614 Datasheet
646Kb / 42P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3613 TI1-SN74ABT3613_05 Datasheet
551Kb / 35P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI-SN74ABT3612 Datasheet
462Kb / 31P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3631 TI-SN74ACT3631 Datasheet
378Kb / 26P
[Old version datasheet]   512 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com