전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT3641 데이터시트(PDF) 7 Page - Texas Instruments

부품명 SN74ACT3641
상세설명  1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT3641 데이터시트(HTML) 7 Page - Texas Instruments

Back Button SN74ACT3641 Datasheet HTML 3Page - Texas Instruments SN74ACT3641 Datasheet HTML 4Page - Texas Instruments SN74ACT3641 Datasheet HTML 5Page - Texas Instruments SN74ACT3641 Datasheet HTML 6Page - Texas Instruments SN74ACT3641 Datasheet HTML 7Page - Texas Instruments SN74ACT3641 Datasheet HTML 8Page - Texas Instruments SN74ACT3641 Datasheet HTML 9Page - Texas Instruments SN74ACT3641 Datasheet HTML 10Page - Texas Instruments SN74ACT3641 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
SN74ACT3641
1024
× 36
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS338C – JANUARY 1994 – REVISED OCTOBER 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
serial load
To program the X and Y registers serially, the device is reset with FS0/SD and FS1/SEN high during the
low-to-high transition of RST. After this reset is complete, the X-and Y-register values are loaded bitwise through
FS0/SD on each low-to-high transition of CLKA that FS1/SEN is low. Twenty bit writes are needed to complete
the programming. The first bit write stores the most-significant bit of the Y register and the last bit write stores
the least-significant bit of the the X register. Each register value can be programmed from 1 to 1020.
When the option to program the offset registers serially is chosen, the IR remains low until all 20 bits are written.
IR is set high by the low-to-high transition of CLKA after the last bit is loaded to allow normal FIFO operation.
FIFO write/read operation
The state of the port-A data (A0 – A35) outputs is controlled by the port-A chip select (CSA) and the port-A
write/read select (W/RA). The A0 – A35 outputs are in the high-impedance state when either CSA or W/RA is
high. The A0 – A35 outputs are active when both CSA and W/RA are low.
Data is loaded into the FIFO from the A0 – A35 inputs on a low-to-high transition of CLKA when CSA and the
port-A mailbox select (MBA) are low, W/RA, the port-A enable (ENA), and the IR flag are high (see Table 2).
Writes to the FIFO are independent of any concurrent FIFO reads.
Table 2. Port-A Enable Function Table
CSA
W/RA
ENA
MBA
CLKA
A0 – A35 OUTPUTS
PORT FUNCTION
H
X
X
X
X
In high-impedance state
None
L
H
L
X
X
In high-impedance state
None
L
H
H
L
In high-impedance state
FIFO write
L
H
H
H
In high-impedance state
Mail1 write
L
L
L
L
X
Active, mail2 register
None
L
L
H
L
Active, mail2 register
None
L
L
L
H
X
Active, mail2 register
None
L
L
H
H
Active, mail2 register
Mail2 read (set MBF2 high)
The port-B control signals are identical to those of port A, with the exception that the port-B write/read select
(W/RB) is the inverse of W/RA. The state of the port-B data (B0 – B35) outputs is controlled by the port-B chip
select (CSB) and W/RB. The B0 – B35 outputs are in the high-impedance state when either CSB is high or W/RB
is low. The B0 – B35 outputs are active when CSB is low and W/RB is high.
Data is read from the FIFO to its output register on a low-to-high transition of CLKB when CSB and the port-B
mailbox select (MBB) are low, W/RB, the port-B enable (ENB), and the OR flag are high (see Table 3). Reads
from the FIFO are independent of any concurrent FIFO writes.


유사한 부품 번호 - SN74ACT3641

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622-15PCB TI1-SN74ACT3622-15PCB Datasheet
513Kb / 31P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622-15PQ TI1-SN74ACT3622-15PQ Datasheet
513Kb / 31P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622-15PQG4 TI1-SN74ACT3622-15PQG4 Datasheet
513Kb / 31P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622-20PQ TI1-SN74ACT3622-20PQ Datasheet
513Kb / 31P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

유사한 설명 - SN74ACT3641

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7881 TI-SN54ACT7881 Datasheet
193Kb / 15P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7811 TI-SN54ACT7811 Datasheet
218Kb / 16P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7811 TI-SN74ACT7811 Datasheet
222Kb / 17P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7881 TI-SN74ACT7881 Datasheet
195Kb / 15P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7881 TI1-SN74ACT7881_15 Datasheet
275Kb / 19P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3631 TI-SN74ACT3631 Datasheet
378Kb / 26P
[Old version datasheet]   512 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI-SN74ACT3651 Datasheet
376Kb / 26P
[Old version datasheet]   2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI1-SN74ACT3651_09 Datasheet
470Kb / 29P
[Old version datasheet]   2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com