전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT7803-40DLR 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74ACT7803-40DLR
상세설명  512 짰18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7803-40DLR 데이터시트(HTML) 1 Page - Texas Instruments

  SN74ACT7803-40DLR Datasheet HTML 1Page - Texas Instruments SN74ACT7803-40DLR Datasheet HTML 2Page - Texas Instruments SN74ACT7803-40DLR Datasheet HTML 3Page - Texas Instruments SN74ACT7803-40DLR Datasheet HTML 4Page - Texas Instruments SN74ACT7803-40DLR Datasheet HTML 5Page - Texas Instruments SN74ACT7803-40DLR Datasheet HTML 6Page - Texas Instruments SN74ACT7803-40DLR Datasheet HTML 7Page - Texas Instruments SN74ACT7803-40DLR Datasheet HTML 8Page - Texas Instruments SN74ACT7803-40DLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN74ACT7803
512
× 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS191C – MARCH 1991 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
™ Family
D Free-Running Read and Write Clocks Can
Be Asynchronous or Coincident
D Read and Write Operations Synchronized
to Independent System Clocks
D Input-Ready Flag Synchronized to Write
Clock
D Output-Ready Flag Synchronized to Read
Clock
D 512 Words by 18 Bits
D Low-Power Advanced CMOS Technology
D Half-Full Flag and Programmable
Almost-Full/Almost-Empty Flag
D Bidirectional Configuration and Width
Expansion Without Additional Logic
D Fast Access Times of 12 ns With a 50-pF
Load and All Data Outputs Switching
Simultaneously
D Data Rates up to 67 MHz
D Pin-to-Pin Compatible With SN74ACT7805
and SN74ACT7813
D Packaged in Shrink Small-Outline 300-mil
Package Using 25-mil Center-to-Center
Spacing
description
The SN74ACT7803 is a 512-word
× 18-bit FIFO
suited for buffering asynchronous datapaths up to
67-MHz clock rates and 12-ns access times. Two devices can be configured for bidirectional data buffering
without additional logic. Multiple distributed VCC and GND pins, along with Texas Instruments patented output
edge control (OEC
™) circuit, dampen simultaneous switching noise.
The write clock (WRTCLK) and read clock (RDCLK) are free running and can be asynchronous or coincident.
Data is written to memory on the rising edge of WRTCLK when WRTEN1 is high, WRTEN2 is low, and input
ready (IR) is high. Data is read from memory on the rising edge of RDCLK when RDEN, OE1, and OE2 are low
and output ready (OR) is high. The first word written to memory is clocked through to the output buffer,
regardless of the RDEN, OE1, and OE2 levels. The OR flag indicates that valid data is present on the output
buffer.
The FIFO can be reset asynchronously to WRTCLK and RDCLK. RESET must be asserted while at least four
WRTCLK and four RDCLK rising edges occur to clear the synchronizing registers. Resetting the FIFO initializes
the IR, OR, and half-full (HF) flags low and the almost-full/almost-empty (AF/AE) flag high. The FIFO must be
reset upon power up.
The SN74ACT7803 is characterized for operation from 0
°C to 70°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Widebus and OEC are trademarks of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
RESET
D17
D16
D15
D14
D13
D12
D11
D10
VCC
D9
D8
GND
D7
D6
D5
D4
D3
D2
D1
D0
HF
PEN
AF/AE
WRTCLK
WRTEN2
WRTEN1
IR
OE1
Q17
Q16
Q15
GND
Q14
VCC
Q13
Q12
Q11
Q10
Q9
GND
Q8
Q7
Q6
Q5
VCC
Q4
Q3
Q2
GND
Q1
Q0
RDCLK
RDEN
OE2
OR
DL PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
TexasInstruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


유사한 부품 번호 - SN74ACT7803-40DLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801-18FN TI1-SN74ACT7801-18FN Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801-18FNR TI1-SN74ACT7801-18FNR Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801-20FN TI1-SN74ACT7801-20FN Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7802 TI-SN74ACT7802 Datasheet
156Kb / 12P
[Old version datasheet]   1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
More results

유사한 설명 - SN74ACT7803-40DLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ACT3631 TI-SN74ACT3631 Datasheet
378Kb / 26P
[Old version datasheet]   512 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7803 TI-SN74ALVC7803 Datasheet
196Kb / 14P
[Old version datasheet]   512 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ABT7819 TI1-SN54ABT7819_13 Datasheet
315Kb / 22P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813-40DLR TI-SN74ACT7813-40DLR Datasheet
396Kb / 18P
[Old version datasheet]   64 x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7805 TI1-SN74ALVC7805_09 Datasheet
416Kb / 18P
[Old version datasheet]   LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI-SN74ACT3638 Datasheet
461Kb / 30P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com