전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMAL006DU 데이터시트(PDF) 3 Page - Sensortechnics GmbH

부품명 FMAL006DU
상세설명  Mass flow sensors for gases
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSORTECHNICS [Sensortechnics GmbH]
홈페이지  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

FMAL006DU 데이터시트(HTML) 3 Page - Sensortechnics GmbH

  FMAL006DU Datasheet HTML 1Page - Sensortechnics GmbH FMAL006DU Datasheet HTML 2Page - Sensortechnics GmbH FMAL006DU Datasheet HTML 3Page - Sensortechnics GmbH FMAL006DU Datasheet HTML 4Page - Sensortechnics GmbH FMAL006DU Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
E / 11724 / A
www.sensortechnics.com
FMA Series
Mass flow sensors for gases
FLOW SPECIFICATIONS
(V
S = 10 ±0.01 V, TA = 25°C)
OUTPUT VS. FLOW CURVES
FMAL001DU
FMAL006DU
U
D
1
0
0
L
A
M
FU
D
6
0
0
L
A
M
F
.
s
s
e
r
P
)
r
a
b
m
(
w
o
l
F
)
m
c
c
s
(
7
.
m
o
N
V
(
C
D )
.
l
o
T
V
±
(
C
D )
.
s
s
e
r
P
)
r
a
b
m
(
w
o
l
F
)
m
p
l
s
(
7
.
m
o
N
V
(
C
D )
.
l
o
T
V
±
(
C
D )
3
2
.
2
0
0
0
1
0
0
.
55
1
.
00
.
0
2
6
0
0
.
55
1
.
0
7
8
.
1
0
0
9
7
9
.
46
1
.
07
.
4
1
5
9
8
.
40
2
.
0
2
5
.
1
0
0
8
9
8
.
47
1
.
07
0
.
9
4
0
7
.
45
2
.
0
6
1
.
1
0
0
7
8
7
.
48
1
.
00
4
.
6
3
0
4
.
45
3
.
0
4
9
.
0
0
0
6
3
6
.
49
1
.
05
3
.
3
2
0
8
.
30
3
.
0
1
7
.
0
0
0
5
3
4
.
40
2
.
07
1
.
1
1
0
1
.
30
3
.
0
0
5
.
0
0
0
4
5
1
.
41
2
.
00
0
.
0
0
0
0
.
15
0
.
0
3
3
.
0
0
0
3
6
7
.
39
1
.
0
9
1
.
0
0
0
2
3
2
.
37
1
.
0
8
0
.
0
0
0
1
9
4
.
24
1
.
0
0
0
.
0
0
0
0
.
15
0
.
0
Note:
7 Devices are calibrated in mass flow. Tolerance values apply to calibration type only.


유사한 부품 번호 - FMAL006DU

제조업체부품명데이터시트상세설명
logo
Frequency Devices, Inc.
FMA-01S FREQUENCYDEVICES-FMA-01S Datasheet
146Kb / 3P
   Single Channel Filter Mounting Assembly
FMA-02A FREQUENCYDEVICES-FMA-02A Datasheet
395Kb / 2P
   Single Channel Filter Mounting Assembly
FMA-03A FREQUENCYDEVICES-FMA-03A Datasheet
541Kb / 2P
   Single Channel Filter Mounting Assembly
FMA-04A FREQUENCYDEVICES-FMA-04A Datasheet
438Kb / 2P
   Single Channel Filter Mounting Assembly
logo
Interpoint Corporation ...
FMA-461 INTERPOINT-FMA-461 Datasheet
197Kb / 11P
   EMI INPUT FILTERS 28 VOLT INPUT
More results

유사한 설명 - FMAL006DU

제조업체부품명데이터시트상세설명
logo
Sensortechnics GmbH
FHAL200DU SENSORTECHNICS-FHAL200DU Datasheet
88Kb / 4P
   Mass flow sensors for gases
FBOM030DB SENSORTECHNICS-FBOM030DB Datasheet
178Kb / 6P
   Mass flow sensors for gases
FBAM030DU SENSORTECHNICS-FBAM030DU Datasheet
101Kb / 5P
   Mass flow sensors for gases
FDUM200DB SENSORTECHNICS-FDUM200DB Datasheet
163Kb / 6P
   Mass flow sensors for gases
FMOL001DB SENSORTECHNICS-FMOL001DB Datasheet
127Kb / 6P
   Mass flow sensors for gases
AWM3150V SENSORTECHNICS-AWM3150V Datasheet
205Kb / 6P
   Mass flow sensor for gases
AWM92100V SENSORTECHNICS-AWM92100V Datasheet
162Kb / 6P
   Mass flow sensor for gases
AWM2150V SENSORTECHNICS-AWM2150V Datasheet
172Kb / 6P
   Mass flow sensor for gases
AWM720P1 SENSORTECHNICS-AWM720P1 Datasheet
81Kb / 4P
   Mass flow sensor for gases
AWM42300V SENSORTECHNICS-AWM42300V Datasheet
198Kb / 6P
   Mass flow sensor for gases
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com