전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS6-30 데이터시트(PDF) 1 Page - Superworld Electronics

부품명 CS6-30
상세설명  POWER TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUPERWORLD [Superworld Electronics]
홈페이지  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

CS6-30 데이터시트(HTML) 1 Page - Superworld Electronics

  CS6-30 Datasheet HTML 1Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. CONFIGURATION & DIMENSIONS :
3. ELECTRICAL CHARACTERISTICS ( @ 25°C ) :
SUPERWORLD ELECTRONICS (S) PTE LTD
2. SCHEMATIC :
CS6-30 (F) SERIES
POWER TRANSFORMER
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
25.02.2008
8
6
10
2
4
" " indicates polarity
6.35
(0.250)
3.96
(0.156)
ML
L
6
A
9
4
5
10
321
8
7
B
9.53
(0.375)
W
4.76(0.187)Dia. Mfg.
Holes
4.76(0.187)Quick Connect
Solder Lug Terminal
74.63
(2.938)
6
SIZE
W
42.88
(1.688)
82.55
(3.250)
30
VA
L
H
49.23
(1.938)
71.45
(2.813)
27.00
(1.063)
A
B
498.95
ML
gram
UNIT : mm (inch)
a. Primary Voltage
AC 115 V 60 Hz .
b. No Load Primary Current
Less Than 35mA .
c. Secondary Voltage (±5%)
AC 35.60 V .
d. Secondary Load Current
1.00A .
e. Full Load Primary Current
Less Than 340mA .
f. Full Load Secondary Voltage (±5%)
30.00V .
Pin 6-8
Pin 2-4
g. DC Resistance
Pin 6-10 C.T. Pin 8
Primary = 22.50 Ohm .
Pin 8-10
h. Insulation Resistance
i. Withstand Voltage (Hi-Pot)
Secondary-1 = - Ohm .
DC 500V 100Meg Ohm Of More .
AC 2500V 60Hz 1 Minutes .
Less Than 60 Deg C .
EI-57 x 26.00 m/m .
j. Temperature Rise
k. Core Size
684
l. Turns & Wire Gauge
Primary
0-106-212
Secondary
Pin 6-8-10
Pin 2-4
Turns Diameter 0.28 m/m .
0.50 m/m .
Turns Diameter
Pin 6-10 C.T. Pin 8
Secondary-2 = - Ohm .


유사한 부품 번호 - CS6-30

제조업체부품명데이터시트상세설명
logo
Superworld Electronics
CS6-34 SUPERWORLD-CS6-34 Datasheet
109Kb / 1P
   POWER TRANSFORMER
CS6-36 SUPERWORLD-CS6-36 Datasheet
109Kb / 1P
   POWER TRANSFORMER
More results

유사한 설명 - CS6-30

제조업체부품명데이터시트상세설명
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
   POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
   POWER TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3876G PCA-EPA3876G Datasheet
50Kb / 1P
   Power Transformer
logo
List of Unclassifed Man...
F-229X ETC2-F-229X Datasheet
50Kb / 1P
   POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-605 RHOMBUS-IND-T-605 Datasheet
37Kb / 1P
   POWER TRANSFORMER
logo
Superworld Electronics
14A-10-12 SUPERWORLD-14A-10-12 Datasheet
111Kb / 1P
   POWER TRANSFORMER
14A-10-16 SUPERWORLD-14A-10-16 Datasheet
112Kb / 1P
   POWER TRANSFORMER
CS7-16 SUPERWORLD-CS7-16 Datasheet
109Kb / 1P
   POWER TRANSFORMER
14A-20-12 SUPERWORLD-14A-20-12 Datasheet
112Kb / 1P
   POWER TRANSFORMER
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com