전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RZUP015D 데이터시트(PDF) 4 Page - Sensortechnics GmbH

부품명 RZUP015D
상세설명  Basic pressure sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSORTECHNICS [Sensortechnics GmbH]
홈페이지  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RZUP015D 데이터시트(HTML) 4 Page - Sensortechnics GmbH

  RZUP015D Datasheet HTML 1Page - Sensortechnics GmbH RZUP015D Datasheet HTML 2Page - Sensortechnics GmbH RZUP015D Datasheet HTML 3Page - Sensortechnics GmbH RZUP015D Datasheet HTML 4Page - Sensortechnics GmbH RZUP015D Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RZU Series
Basic pressure sensors
4/5
E / 11708 / A
www.sensortechnics.com
PHYSICAL DIMENSIONS (cont.)
DIP package, single port
13.97
(0.550)
11.94
(0.470)
1.91
(0.075)
13.84
(0.545)
8.00
(0.315)
6.00
(0.24) NOM
2.79
(0.110) TYP
15.2
(0.60) NOM
0.25
(0.010)
TYP
0.51
(0.020) TYP
2.54
(0.100) TYP
Ø 2.67
(0.105) TYP
2 ° draft
Ø 0.64 (0.025)
vent hole
(gage devices only)
DIP package, dual port
3.43
(0.135)
15.2
(0.60) NOM
3.6
(0.14)
6.4
(0.25)
4.3
(0.17) TYP
0.25
(0.010)
TYP
13.97
(0.550)
11.94
(0.470)
Ø 2.29
(0.090) TYP
2 ° draft
7.24
(0.285)
9.65
(0.380)
2.79
(0.110) TYP
2.54
(0.100) TYP
0.51
(0.020) TYP
7.62
(0.300) TYP
mass: 1 g
dimensions in mm (inches)
third angle projection
mass: 1 g
dimensions in mm (inches)
third angle projection


유사한 부품 번호 - RZUP015D

제조업체부품명데이터시트상세설명
logo
M-System Co.,Ltd.
RZUS-U9 MSYSTEM-RZUS-U9 Datasheet
337Kb / 10P
   PC Recorders RZUS Series PC RECORDER
RZUS-U9T/MSR MSYSTEM-RZUS-U9T/MSR Datasheet
337Kb / 10P
   PC Recorders RZUS Series PC RECORDER
More results

유사한 설명 - RZUP015D

제조업체부품명데이터시트상세설명
logo
Sensortechnics GmbH
RXUB001A SENSORTECHNICS-RXUB001A Datasheet
267Kb / 7P
   Basic pressure sensors
RQUM050D SENSORTECHNICS-RQUM050D Datasheet
157Kb / 4P
   Basic pressure sensors
HDUM100 SENSORTECHNICS-HDUM100 Datasheet
582Kb / 4P
   Basic pressure sensors
RPUM035G6A SENSORTECHNICS-RPUM035G6A Datasheet
219Kb / 5P
   Basic pressure sensors
HMUM100 SENSORTECHNICS-HMUM100 Datasheet
357Kb / 14P
   Basic pressure sensors
logo
All Sensors Corporation
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
5INCH-D2-BASIC ASC-5INCH-D2-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
logo
Sensortechnics GmbH
RXUH004D SENSORTECHNICS-RXUH004D Datasheet
186Kb / 4P
   Basic low pressure sensors
logo
All Sensors Corporation
1INCH-G-BASIC ASC-1INCH-G-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
1INCH-D1-BASIC ASC-1INCH-D1-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com