전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALVC16334DGV 데이터시트(PDF) 6 Page - Texas Instruments

부품명 SN74ALVC16334DGV
상세설명  SN74ALVC162836
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC16334DGV 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74ALVC16334DGV Datasheet HTML 2Page - Texas Instruments SN74ALVC16334DGV Datasheet HTML 3Page - Texas Instruments SN74ALVC16334DGV Datasheet HTML 4Page - Texas Instruments SN74ALVC16334DGV Datasheet HTML 5Page - Texas Instruments SN74ALVC16334DGV Datasheet HTML 6Page - Texas Instruments SN74ALVC16334DGV Datasheet HTML 7Page - Texas Instruments SN74ALVC16334DGV Datasheet HTML 8Page - Texas Instruments SN74ALVC16334DGV Datasheet HTML 9Page - Texas Instruments SN74ALVC16334DGV Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN74ALVC16334
16-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES128C – FEBRUARY 1998 – REVISED FEBRUARY 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figures 1 through 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MIN
MAX
MIN
MAX
MIN
MAX
fmax
150
150
150
MHz
A
1
3.7
3.6
1.1
3.3
tpd
LE
Y
1
4.8
5
1.3
4.4
ns
CLK
1
4.4
4.5
1
4.1
ten
OE
Y
1
5.4
5.4
1.1
4.6
ns
tdis
OE
Y
1
4.1
4.5
1.7
4.4
ns
† This information was not available at the time of publication.
switching characteristics from 0
°C to 65°C, CL = 50 pF
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.15 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
t d
A
Y
1.2
3.2
ns
tpd
CLK
Y
1.1
4
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
UNIT
PARAMETER
TEST CONDITIONS
TYP
TYP
TYP
UNIT
C d
Power dissipation
Outputs enabled
CL =0
f=10MHz
31
36
pF
Cpd
capacitance
Outputs disabled
CL = 0,
f = 10 MHz
7
11
pF
† This information was not available at the time of publication.


유사한 부품 번호 - SN74ALVC16334DGV

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVC16334DGVR TI-SN74ALVC16334DGVR Datasheet
216Kb / 13P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com