전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALVC7814DL 데이터시트(PDF) 6 Page - Texas Instruments

부품명 SN74ALVC7814DL
상세설명  64 횞 18 LOW-POWER FIRST-IN, FIRST-OUT MEMORY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC7814DL 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74ALVC7814DL Datasheet HTML 2Page - Texas Instruments SN74ALVC7814DL Datasheet HTML 3Page - Texas Instruments SN74ALVC7814DL Datasheet HTML 4Page - Texas Instruments SN74ALVC7814DL Datasheet HTML 5Page - Texas Instruments SN74ALVC7814DL Datasheet HTML 6Page - Texas Instruments SN74ALVC7814DL Datasheet HTML 7Page - Texas Instruments SN74ALVC7814DL Datasheet HTML 8Page - Texas Instruments SN74ALVC7814DL Datasheet HTML 9Page - Texas Instruments SN74ALVC7814DL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN74ALVC7814
64
× 18
LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SCAS592A – OCTOBER 1997 – REVISED APRIL 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Notes 1 and 2)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
*50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled 3-state output
–0.5 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3)
74
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings can be exceeded if the input and output clamp-current ratings are observed.
2. This value is limited to 4.6 V maximum.
3. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions
’ALVC7814-25
’ALVC7814-40
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
3
3.6
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current, Q outputs, flags
VCC = 3 V
–8
–8
mA
IOL
Low-level output current, Q outputs, flags
VCC = 3 V
16
16
mA
TA
Operating free-air temperature
0
70
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VOH
Flags Q outputs
VCC = 3 V to 3.6 V,
IOH = –100 µA
VCC–0.2
V
VOH
Flags, Q outputs
VCC = 3 V,
IOH = –8 mA
2.4
V
Flags, Q outputs
VCC = 3 V to 3.6 V,
IOL = 100 µA
0.2
VOL
Flags
VCC = 3 V,
IOL = 8 mA
0.4
V
Q outputs
VCC = 3 V,
IOL = 16 mA
0.55
II
VCC = 3.6 V,
VI =VCC or GND
±5
µA
IOZ
VCC = 3.6 V,
VO =VCC or GND
±10
µA
ICC
VCC = 3.6 V,
VI = VCC or GND,
IO = 0
40
µA
∆ICC§
VCC = 3.6 V, One input at VCC–0.6 V, Other inputs at VCC or GND
500
µA
Ci
VCC = 3.3 V,
VI = VCC or GND
3
pF
Co
VCC = 3.3 V,
VO = VCC or GND
6
pF
‡ All typical values are at VCC = 3.3 V, TA = 25°C.
§ This is the supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.


유사한 부품 번호 - SN74ALVC7814DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVC7814 TI-SN74ALVC7814 Datasheet
185Kb / 13P
[Old version datasheet]   LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7814-25DL TI-SN74ALVC7814-25DL Datasheet
185Kb / 13P
[Old version datasheet]   LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7814-25DLR TI-SN74ALVC7814-25DLR Datasheet
185Kb / 13P
[Old version datasheet]   LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7814-40DL TI-SN74ALVC7814-40DL Datasheet
185Kb / 13P
[Old version datasheet]   LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7814-40DLR TI-SN74ALVC7814-40DLR Datasheet
185Kb / 13P
[Old version datasheet]   LOW-POWER FIRST-IN, FIRST-OUT MEMORY
More results

유사한 설명 - SN74ALVC7814DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVC7813 TI-SN74ALVC7813 Datasheet
192Kb / 14P
[Old version datasheet]   64 횞 18 LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814 TI-SN74ACT7814 Datasheet
146Kb / 11P
[Old version datasheet]   64 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7806 TI-SN74ALVC7806 Datasheet
138Kb / 10P
[Old version datasheet]   256 횞 18 LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804 TI-SN74ALVC7804 Datasheet
150Kb / 11P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804 TI-SN74ALVC7804_07 Datasheet
241Kb / 13P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804 Datasheet
146Kb / 11P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806_06 Datasheet
174Kb / 12P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com