전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B-13-1250C-T3-SSCG5 데이터시트(PDF) 3 Page - Source Photonics, Inc.

부품명 B-13-1250C-T3-SSCG5
상세설명  1.25 Gbps Single Mode Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOURCE [Source Photonics, Inc.]
홈페이지  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-13-1250C-T3-SSCG5 데이터시트(HTML) 3 Page - Source Photonics, Inc.

  B-13-1250C-T3-SSCG5 Datasheet HTML 1Page - Source Photonics, Inc. B-13-1250C-T3-SSCG5 Datasheet HTML 2Page - Source Photonics, Inc. B-13-1250C-T3-SSCG5 Datasheet HTML 3Page - Source Photonics, Inc. B-13-1250C-T3-SSCG5 Datasheet HTML 4Page - Source Photonics, Inc. B-13-1250C-T3-SSCG5 Datasheet HTML 5Page - Source Photonics, Inc. B-13-1250C-T3-SSCG5 Datasheet HTML 6Page - Source Photonics, Inc. B-13-1250C-T3-SSCG5 Datasheet HTML 7Page - Source Photonics, Inc. B-13-1250C-T3-SSCG5 Datasheet HTML 8Page - Source Photonics, Inc. B-13-1250C-T3-SSCG5 Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
1.25 Gbps Single Mode Transceiver
C-13-1250(C)-T(3)-SSC(2)
3
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS601-May1806
Rev A.3
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Sensitivity2
-
-
-
-24
dBm
Maximum Input Power
Pin
0
-
-
dBm
Signal Detect-Asserted
Pa
-
-
-24
dBm
Measured on transition: low to high
Signal Detect-Deasserted
Pd
-38
-
-
dBm
Measured on transition: high to low
Signal Detect-Hysteresis
1
-
-
dB
Wavelength of Operation
1100
-
1600
nm
Note 2: Measured with 27-1 PRBS, BER= 10-12
Receiver Specifications
Parameter
Symbol
Min
Typical
Max
Unit
Note
Power Supply Current
ICC
-
-
100
mA
The current excludes the output load current
Data output Voltage-Low
VOL -Vcc
-2.0
-
-1.58
V
These outputs are compatible with 10K,
10KH and 100KECL and LVPECL outputs
Data output Voltage-High
VOH- Vcc
-1.1
-
-0.74
V
Signal Detect Output Voltage-Low
VSDL
-
-
0.5
V
C-13-1250C-T(3)-SSC(2)
Signal Detect Output Voltage-High
VSDH
2.0
-
-
V
Signal Detect Output Voltage-Low
VSDL-Vcc
-2.0
-
-1.58
V
C-13-1250-T(3)-SSC(2)
Signal Detect Output Voltage-High
VSDH- Vcc
-1.1
-
-0.74
V
Receiver Specifications


유사한 부품 번호 - B-13-1250C-T3-SSCG5

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
B-13-1250C-TDPM3-SFC-60 SOURCE-B-13-1250C-TDPM3-SFC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250C-TDPM3-SMU-60 SOURCE-B-13-1250C-TDPM3-SMU-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250C-TDPM3-SSC-60 SOURCE-B-13-1250C-TDPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250C-TDPM3-SST-60 SOURCE-B-13-1250C-TDPM3-SST-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250C-TPM3-SFC-60 SOURCE-B-13-1250C-TPM3-SFC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
More results

유사한 설명 - B-13-1250C-T3-SSCG5

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
C-15-1250AC-TDFB3-SSC2C SOURCE-C-15-1250AC-TDFB3-SSC2C Datasheet
559Kb / 7P
   1.25 Gbps Single Mode Transceiver
C-13-1250AC-T-SSC SOURCE-C-13-1250AC-T-SSC Datasheet
537Kb / 8P
   1.25 Gbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-7140G_2015 OPTOWAY-SPS-7140G_2015 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380_2015 OPTOWAY-SPS-7380_2015 Datasheet
153Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73160G_2015 OPTOWAY-SPS-73160G_2015 Datasheet
147Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73180-CXX0G OPTOWAY-SPS-73180-CXX0G_15 Datasheet
150Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-7110G OPTOWAY-SPS-7110G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7130G OPTOWAY-SPS-7130G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7350G OPTOWAY-SPS-7350G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380 OPTOWAY-SPS-7380_15 Datasheet
153Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com