전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7846BP 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD7846BP
상세설명  16-Bit Voltage Output DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7846BP 데이터시트(HTML) 5 Page - Analog Devices

  AD7846BP Datasheet HTML 1Page - Analog Devices AD7846BP Datasheet HTML 2Page - Analog Devices AD7846BP Datasheet HTML 3Page - Analog Devices AD7846BP Datasheet HTML 4Page - Analog Devices AD7846BP Datasheet HTML 5Page - Analog Devices AD7846BP Datasheet HTML 6Page - Analog Devices AD7846BP Datasheet HTML 7Page - Analog Devices AD7846BP Datasheet HTML 8Page - Analog Devices AD7846BP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7846
REV. E
–5–
PIN FUNCTION DESCRIPTION
Pin
Mnemonic
Description
1–3
DB2–DB0
Data I/O pins. DB0 is LSB.
4VDD
Positive supply for analog circuitry. This is
+15 V nominal.
5VOUT
DAC output voltage pin.
6RIN
Input to summing resistor of DAC output
amplifier. This is used to select output
voltage ranges. See Table I.
7VREF+
VREF+ Input. The DAC is specified for VREF+
= +5 V.
8VREF–
VREF– Input. For unipolar operation con-
nect VREF– to 0 V and for bipolar operation
connect it to –5 V. The device is specified
for both conditions.
9VSS
Negative supply for the analog circuitry.
This is –15 V nominal.
10–19 DB15–DB6
Data I/O pins. DB15 is MSB.
20
DGND
Ground pin for digital circuitry.
21
VCC
Positive supply for digital circuitry. This is
+5 V nominal.
22
R/
W
R/
W input. This can be used to load data to
the DAC or to read back the DAC latch
contents.
23
CS
Chip select input. This selects the device.
24
CLR
Clear input. The DAC can be cleared to
000 . . . 000 or 100 . . . 000. See Table II.
25
LDAC
Asynchronous load input to DAC.
26–28 DB5–DB3
Data I/O pins.
Table I. Output Voltage Ranges
Output Range
VREF+
VREF–
RIN
0 V to +5 V
+5 V
0 V
VOUT
0 V to +10 V
+5 V
0 V
0 V
+5 V to –5 V
+5 V
–5 V
VOUT
+5 V to –5 V
+5 V
0 V
+5 V
+10 V to –10 V
+5 V
–5 V
0 V
PIN CONFIGURATIONS
DIP
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD7846
DB11
DB12
DB13
DB14
DB15
VSS
VREF–
DB2
DB1
DB0
VDD
VREF+
RIN
VOUT
DB10
DB9
DB8
DB7
DB6
DGND
DB3
DB4
DB5
LDAC
R/
W
CS
CLR
VCC
PLCC
25
24
23
22
21
20
19
5
6
7
8
9
10
11
4
3
2
1
28
27
26
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
12
13
14
15
16
17
18
LDAC
CLR
CS
R/
W
DGND
DB6
VOUT
RIN
VREF+
VREF–
VSS
DB15
DB14
AD7846
VCC


유사한 부품 번호 - AD7846BP

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7846BP AD-AD7846BP Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
AD7846BPZ AD-AD7846BPZ Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
More results

유사한 설명 - AD7846BP

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC161S055 TI1-DAC161S055 Datasheet
486Kb / 23P
[Old version datasheet]   Precision 16-Bit, Buffered Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Analog Devices
AD7846 AD-AD7846_15 Datasheet
451Kb / 24P
   LC MOS 16-Bit Voltage Output DAC
Rev. G
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Analog Devices
AD5541A AD-AD5541A_18 Datasheet
435Kb / 20P
   Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Texas Instruments
DAC161S055 TI-DAC161S055_13 Datasheet
918Kb / 27P
[Old version datasheet]   DAC161S055 Precision 16-Bit, Buffered Voltage-Output DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com