전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C-13-1250C-F-SLC2A 데이터시트(PDF) 10 Page - Source Photonics, Inc.

부품명 C-13-1250C-F-SLC2A
상세설명  1.25 Gbps Single Mode SFF LC Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOURCE [Source Photonics, Inc.]
홈페이지  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-1250C-F-SLC2A 데이터시트(HTML) 10 Page - Source Photonics, Inc.

Back Button C-13-1250C-F-SLC2A Datasheet HTML 3Page - Source Photonics, Inc. C-13-1250C-F-SLC2A Datasheet HTML 4Page - Source Photonics, Inc. C-13-1250C-F-SLC2A Datasheet HTML 5Page - Source Photonics, Inc. C-13-1250C-F-SLC2A Datasheet HTML 6Page - Source Photonics, Inc. C-13-1250C-F-SLC2A Datasheet HTML 7Page - Source Photonics, Inc. C-13-1250C-F-SLC2A Datasheet HTML 8Page - Source Photonics, Inc. C-13-1250C-F-SLC2A Datasheet HTML 9Page - Source Photonics, Inc. C-13-1250C-F-SLC2A Datasheet HTML 10Page - Source Photonics, Inc. C-13-1250C-F-SLC2A Datasheet HTML 11Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-F-SLC(2)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS828-Apr2406
Rev A.1
LUMINENTOIC.COM
Ordering Information
Part numbering Definition:
C - 13 - 1250XX - F - S LC TxPower Temperature and Package RoHS
• 13 = Wavelength 1310 nm
• 1250 Mbps
1250 = DC-coupled signal, LVPECL SD output
1250C = DC-coupled signal, LVTTL SD output
1250AC = AC-coupled signal, LVTTL SD output
• F = +3.3V SFF Transceiver, FP
• Single mode fiber
• Connector options
• Tx Power range
Blank = -10 to -3 dBm, 10km reach
2 = -5 to 0 dBm, 20km reach
• Temperature range
Blank = commercial temperature
A = industrial temperature
• RoHS
Blank = RoHS non-compliant product
G5 = RoHS 5/6-compliant product (lead exemption)
Available Option:
C-13-1250-F-SLC
C-13-1250-F-SLC2
C-13-1250-F-SLCA
C-13-1250-F-SLC2A
C-13-1250-F-SLC-G5
C-13-1250-F-SLC2-G5
C-13-1250-F-SLCA-G5
C-13-1250-F-SLC2A-G5
C-13-1250C-F-SLC
C-13-1250C-F-SLC2
C-13-1250C-F-SLCA
C-13-1250C-F-SLC2A
C-13-1250C-F-SLC-G5
C-13-1250C-F-SLC2-G5
C-13-1250C-F-SLCA-G5
C-13-1250C-F-SLC2A-G5
C-13-1250AC-F-SLC
C-13-1250AC-F-SLC2
C-13-1250AC-F-SLCA
C-13-1250AC-F-SLC2A
C-13-1250AC-F-SLC-G5
C-13-1250AC-F-SLC2-G5
C-13-1250AC-F-SLCA-G5
C-13-1250AC-F-SLC2A-G5


유사한 부품 번호 - C-13-1250C-F-SLC2A

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
C-13-1250C-F-SLC2A SOURCE-C-13-1250C-F-SLC2A Datasheet
748Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

유사한 설명 - C-13-1250C-F-SLC2A

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
C-15-1250AC-FDFB-SLC3A-07 SOURCE-C-15-1250AC-FDFB-SLC3A-07 Datasheet
710Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-127-1250AC-FDFB-SLC2 SOURCE-C-127-1250AC-FDFB-SLC2 Datasheet
717Kb / 8P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-FDFB-SLC2A-G5 SOURCE-C-13-1250AC-FDFB-SLC2A-G5 Datasheet
708Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-F-SLC SOURCE-C-13-1250-F-SLC Datasheet
748Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-127-1250-FDFB-SLC2 SOURCE-C-127-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-FDFB-SLC2 SOURCE-C-13-1250-FDFB-SLC2 Datasheet
846Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLCA-11-G5 SOURCE-C-13-1250AC-F-SLCA-11-G5 Datasheet
720Kb / 9P
   1.25 Gbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-7350CG OPTOWAY-TRSL-7350CG Datasheet
123Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7350W-CXX0 OPTOWAY-TRSL-7350W-CXX0 Datasheet
158Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7380W-CXX0 OPTOWAY-TRSL-7380W-CXX0 Datasheet
157Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com