전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B-13-15-1250C-FDFB-SSCAG5 데이터시트(PDF) 5 Page - Source Photonics, Inc.

부품명 B-13-15-1250C-FDFB-SSCAG5
상세설명  1.25 Gbps bi-directional SC Receptacle single Fiber Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOURCE [Source Photonics, Inc.]
홈페이지  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-13-15-1250C-FDFB-SSCAG5 데이터시트(HTML) 5 Page - Source Photonics, Inc.

  B-13-15-1250C-FDFB-SSCAG5 Datasheet HTML 1Page - Source Photonics, Inc. B-13-15-1250C-FDFB-SSCAG5 Datasheet HTML 2Page - Source Photonics, Inc. B-13-15-1250C-FDFB-SSCAG5 Datasheet HTML 3Page - Source Photonics, Inc. B-13-15-1250C-FDFB-SSCAG5 Datasheet HTML 4Page - Source Photonics, Inc. B-13-15-1250C-FDFB-SSCAG5 Datasheet HTML 5Page - Source Photonics, Inc. B-13-15-1250C-FDFB-SSCAG5 Datasheet HTML 6Page - Source Photonics, Inc. B-13-15-1250C-FDFB-SSCAG5 Datasheet HTML 7Page - Source Photonics, Inc. B-13-15-1250C-FDFB-SSCAG5 Datasheet HTML 8Page - Source Photonics, Inc. B-13-15-1250C-FDFB-SSCAG5 Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
1.25 Gbps bi-directional SC Receptacle
single Fiber Transceiver
B-1X/1X-1250C-F(DFB)-SSCx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS796-Jan2407
Rev. A.3
Recommended Circuit Schematic
The split-loaded terminations for ECL signals need to be located at the input of devices receiving those ECL signals.
The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc.
A GND plane under the module is required for good EMI and sensitivity performance.
Tx
Rx
TERMINATE AT
TRANSCEIVER INPUTS
Z=50
Z=50
100
TD-
TD+
130
Vcc(+3.3V)
100
RD+
RD-
SD
Z=50
Z=50
Z=50
130
130
Vcc(+3.3V)
Vcc(+3.3V)
PHY DEVICE
LVPECL
LVPECL
10�F
C3
C2
1H
6
7
8
10 9
1
2
3
4
5
1H
C1
TERMINATE AT
DEVICE INPUTS
NOTE:C1=C2=C3=100nF
Vcc(+3.3V)
130
LVTTL
Tx Disable
LVTTL


유사한 부품 번호 - B-13-15-1250C-FDFB-SSCAG5

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
B-13-15-1250C-T-SSCA2A SOURCE-B-13-15-1250C-T-SSCA2A Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-15-1250C-T3-SSC2 SOURCE-B-13-15-1250C-T3-SSC2 Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
More results

유사한 설명 - B-13-15-1250C-FDFB-SSCAG5

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
B-13-14-1250-T-SSC-G5 SOURCE-B-13-14-1250-T-SSC-G5 Datasheet
589Kb / 7P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-15-1250-T-SSC2A SOURCE-B-13-15-1250-T-SSC2A Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-1250-TPM3-SSC-60 SOURCE-B-13-1250-TPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM-SSC-60 SOURCE-B-15-1250-TDPM-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM3-SSC-60 SOURCE-B-15-1250-TDPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250-TPM-S SOURCE-B-13-1250-TPM-S Datasheet
958Kb / 5P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-13-155-T-SSC4 SOURCE-B-15-13-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
logo
List of Unclassifed Man...
B-15-155-T-SSC4 ETC2-B-15-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
logo
Source Photonics, Inc.
B-15-13-155-FDFB-SSC5 SOURCE-B-15-13-155-FDFB-SSC5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-13-15-155-T-SSC4 SOURCE-B-13-15-155-T-SSC4 Datasheet
944Kb / 6P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com