전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C-13-15-622-TDFB3-SST4-G5 데이터시트(PDF) 1 Page - Source Photonics, Inc.

부품명 C-13-15-622-TDFB3-SST4-G5
상세설명  622 Mbps DFB Laser Single Mode Transceiver(LH)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOURCE [Source Photonics, Inc.]
홈페이지  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-15-622-TDFB3-SST4-G5 데이터시트(HTML) 1 Page - Source Photonics, Inc.

  C-13-15-622-TDFB3-SST4-G5 Datasheet HTML 1Page - Source Photonics, Inc. C-13-15-622-TDFB3-SST4-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-13-15-622-TDFB3-SST4-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-13-15-622-TDFB3-SST4-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-13-15-622-TDFB3-SST4-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-13-15-622-TDFB3-SST4-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-13-15-622-TDFB3-SST4-G5 Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
C-1X-622(C)-TDFB(3)-SST(FC)4
622 Mbps DFB Laser Single Mode Transceiver(LH)
LUMINENTOIC.COM
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS857-Jun0306
Rev A.1
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-3
-
+2
dBm
Output center Wavelength
λ
1260
1310
1360
nm
C-13-622-TDFB(3)-SST(FC)4
Output center Wavelength
λ
1480
1550
1580
nm
C-15-622-TDFB(3)-SST(FC)4
Output Spectrum Width
λ
-
-
1
nm
-20 dB width
Side Mode Suppression Ratio
Sr
30
35
-
dB
Extinction Ratio
ER
10
-
-
dB
Output Eye
Compliant with ITU recommendation G.957
Optical Rise Time
tr
-
-
1.2
ns
10% to 90% Values
Optical Fall Time
tf
-
-
1.2
ns
10% to 90% Values
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Total Jitter
TJ
-
-
0.55
ns
Measured with 223-1 PRBS with 72 ones and
72 zeros.
Transmitter Specifications
Features
• ST/FC Duplex Single Mode Transceiver
• Industry Standard 1x9 Footprint
• Complies with SONET OC-12 SDH STM-4
• Single +3.3V/5V power supply
• Operating Temperature Range 0 to 70ºC
• PECL Differential Inputs and Outputs
• TTL/LVTTL Signal Detection Output
[C-1X-622C-TDFB(3)-SST(FC)4]
• PECL/LVPECL Signal Detection Output
[C-1X-622-TDFB(3)-SST(FC)4]
• Wave Solderable and Aqueous Washable
• Uncooled laser diode with MQW sturcture
• Complies with Bellcore GR-468-CORE
• ATM 622 Mbps Link application
• SONET/SDH Equipment Interconnect application
• RoHS compliance available
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
Vcc
0
6.0
V
C-1X-622-TDFB-SST(FC)4
Power Supply Voltage
Vcc
0
3.6
V
C-1X-622-TDFB3-SST(FC)4
Output Current
Iout
0
30
mA
Soldering Temperature
-
-
240
ºC
10 seconds on leads only
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Power Supply Voltage
Vcc
4.75
5
5.25
V
C-1X-622-TDFB-SST(FC)4
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
C-1X-622-TDFB3-SST(FC)4
Operating Temperature (Case)
Topr
0
-
70
ºC
Data Rate
-
-
622
-
Mbps
Recommended Operating Condition


유사한 부품 번호 - C-13-15-622-TDFB3-SST4-G5

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
C-13-15-D02-B-SSCH SOURCE-C-13-15-D02-B-SSCH Datasheet
804Kb / 4P
   1310nm Emitting(DFB),1550nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
C-13-15-D02-B-SSCH-G5 SOURCE-C-13-15-D02-B-SSCH-G5 Datasheet
804Kb / 4P
   1310nm Emitting(DFB),1550nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
C-13-15-D02-B-SSCH-GR SOURCE-C-13-15-D02-B-SSCH-GR Datasheet
804Kb / 4P
   1310nm Emitting(DFB),1550nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
C-13-15-D02-B-SSCL SOURCE-C-13-15-D02-B-SSCL Datasheet
804Kb / 4P
   1310nm Emitting(DFB),1550nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
C-13-15-D02-B-SSCL-G5 SOURCE-C-13-15-D02-B-SSCL-G5 Datasheet
804Kb / 4P
   1310nm Emitting(DFB),1550nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
More results

유사한 설명 - C-13-15-622-TDFB3-SST4-G5

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
C-13-622-TDFB-SSC4 SOURCE-C-13-622-TDFB-SSC4 Datasheet
548Kb / 7P
   622 Mbps DFB Laser Single Mode Transceiver(LH)
C-13-622-T-SSC4 SOURCE-C-13-622-T-SSC4 Datasheet
551Kb / 7P
   622 Mbps Single Mode Transceiver
C-15-155-TDFB-SSC10 SOURCE-C-15-155-TDFB-SSC10 Datasheet
663Kb / 11P
   155 Mbps DFB Laser Single Mode Transceiver (Ultra-LR)
C-13-622-T-SFC SOURCE-C-13-622-T-SFC Datasheet
620Kb / 7P
   622 Mbps Single Mode Transceiver
C-147-622-TDFB-SSC4 SOURCE-C-147-622-TDFB-SSC4 Datasheet
493Kb / 7P
   622 Mbps CWDM Single Mode Transceiver
logo
Optoway Technology Inc
SPS-53120-CXX0G_2015 OPTOWAY-SPS-53120-CXX0G_2015 Datasheet
149Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120G OPTOWAY-SPS-53120G_15 Datasheet
148Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160G OPTOWAY-SPS-53160G_15 Datasheet
148Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5140G OPTOWAY-SPS-5140G_15 Datasheet
147Kb / 5P
   622 Mbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-5380G OPTOWAY-SPS-5380G_15 Datasheet
147Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7