전자부품 데이터시트 검색엔진 |
|
C-129-TDFB-SSC5 데이터시트(PDF) 3 Page - Source Photonics, Inc. |
|
C-129-TDFB-SSC5 데이터시트(HTML) 3 Page - Source Photonics, Inc. |
3 / 8 page 3 155 Mbps CWDM Laser Single Mode Transceiver C-1XX-155-TDFB(3)-SSC5(9) 20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213 LUMINENTOIC.COM LUMNDS1505-Dec0705 rev. A.0 Parameter Symbol Min Typical Max Unit Notes Optical Sensitivity - - - -35 dBm Measured with 223-1 PRBS with 72 ones and 72 zeros, C-1XX-155-TDFB(3)-SSC5 Sensitivity - - - -37 dBm Measured with 223-1 PRBS with 72 ones and 72 zeros, C-1XX-155-TDFB(3)-SSC9 Maximum Input Power Pin 0 - - dBm Signal Detect-Asserted Pa - - -35 dBm Measured on transition: low to high, C-1XX-155-TDFB(3)-SSC5 Signal Detect-Asserted Pa - - -37 dBm Measured on transition: low to high, C-1XX-155-TDFB(3)-SSC9 Signal Detect-Deasserted Pd -47 - - dBm Measured on transition: high to low, C-1XX-155-TDFB(3)-SSC5 Signal Detect-Deasserted Pd -48 - - dBm Measured on transition: high to low, C-1XX-155-TDFB(3)-SSC9 Signal Detect-Hysteresis 1.0 - 4.0 dB Wavelength of Operation 1100 - 1620 nm Receiver Specifications Parameter Symbol Min Typical Max Unit Note Electrical Power Supply Current ICC - - 100 mA The current excludes the output load current Data Output Voltage-Low VOL -Vcc -2.0 - -1.58 V These outputs are compatible with 10K, 10KH and 100KECL and PECL outputs Data Output Voltage-High VOH- Vcc -1.1 - -0.74 V Signal Detect Output Voltage-Low VSDL-Vcc -2.0 - -1.58 V Signal Detect Output Voltage-High VSDH- Vcc 1.1 - 0.74 V Receiver Specifications |
유사한 부품 번호 - C-129-TDFB-SSC5 |
|
유사한 설명 - C-129-TDFB-SSC5 |