전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

T-11-155-R-SST-V-G5 데이터시트(PDF) 2 Page - Source Photonics, Inc.

부품명 T-11-155-R-SST-V-G5
상세설명  155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 5V without AGC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOURCE [Source Photonics, Inc.]
홈페이지  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

T-11-155-R-SST-V-G5 데이터시트(HTML) 2 Page - Source Photonics, Inc.

  T-11-155-R-SST-V-G5 Datasheet HTML 1Page - Source Photonics, Inc. T-11-155-R-SST-V-G5 Datasheet HTML 2Page - Source Photonics, Inc. T-11-155-R-SST-V-G5 Datasheet HTML 3Page - Source Photonics, Inc. T-11-155-R-SST-V-G5 Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1503-NOV2905
rev. A.0
LUMINENTOIC.COM
T-11-155-X-XXX-X-XX
155Mbps PIN-TIA Receiver Modules-Receptacle
& Pigtailed 5V without AGC
Pin Assignment
Packaging Dimension
Units in mm.
Functional Schematic
Pin Assignment
�����������
�����������������
�����������������
�����������������
�����������������
�����������������
�����������������
�������������
�������������
�������������
Part Number : T-11-155-X-XXX-XX
PIN TIA Receiver Module-Receptacle


유사한 부품 번호 - T-11-155-R-SST-V-G5

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
T-11-155-R3-M-AGC SOURCE-T-11-155-R3-M-AGC Datasheet
335Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed
T-11-155-R3-M-AGC-G5 SOURCE-T-11-155-R3-M-AGC-G5 Datasheet
335Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed
T-11-155-R3-M-AGC-GR SOURCE-T-11-155-R3-M-AGC-GR Datasheet
335Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed
T-11-155-R3-MFC-AGC SOURCE-T-11-155-R3-MFC-AGC Datasheet
335Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed
T-11-155-R3-MFC-AGC-G5 SOURCE-T-11-155-R3-MFC-AGC-G5 Datasheet
335Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed
More results

유사한 설명 - T-11-155-R-SST-V-G5

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
T-11-155-R3-SFC-AGC SOURCE-T-11-155-R3-SFC-AGC Datasheet
335Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed
T-11-2500-R-SFC SOURCE-T-11-2500-R-SFC Datasheet
1,020Kb / 4P
   2.5Gbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
T-11-622-R-SFC SOURCE-T-11-622-R-SFC Datasheet
1Mb / 4P
   622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
T-11-155-D-SSC SOURCE-T-11-155-D-SSC Datasheet
625Kb / 3P
   155Mbps PIN-TIA Receiver Modules-ROSA(5V)
logo
List of Unclassifed Man...
T-11-155-D ETC2-T-11-155-D Datasheet
610Kb / 3P
   155Mbps PIN-TIA Receiver Modules-ROSA(5V)
logo
Source Photonics, Inc.
T-11-2315T-04 SOURCE-T-11-2315T-04 Datasheet
502Kb / 3P
   155Mbps PIN-TIA Receiver Modules
T-11-2315T-08 SOURCE-T-11-2315T-08 Datasheet
157Kb / 4P
   155Mbps PIN-TIA Receiver modules
T-11-2315C-02 SOURCE-T-11-2315C-02 Datasheet
567Kb / 3P
   155Mbps PIN-TIA Receiver Modules
T-11-1250-R3-SFC SOURCE-T-11-1250-R3-SFC Datasheet
424Kb / 4P
   PIN-TIA Receiver Modules-Receptacle & Pigtailed(3.3V)
T-11-622-R3-SFC SOURCE-T-11-622-R3-SFC Datasheet
527Kb / 4P
   622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (3.3V)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com