전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74BCT756DW 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74BCT756DW
상세설명  OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT756DW 데이터시트(HTML) 1 Page - Texas Instruments

  SN74BCT756DW Datasheet HTML 1Page - Texas Instruments SN74BCT756DW Datasheet HTML 2Page - Texas Instruments SN74BCT756DW Datasheet HTML 3Page - Texas Instruments SN74BCT756DW Datasheet HTML 4Page - Texas Instruments SN74BCT756DW Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN74BCT756
OCTAL BUFFER/DRIVER
WITH OPEN-COLLECTOR OUTPUTS
SCBS056B – OCTOBER 1990 – REVISED JULY 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D BiCMOS Design Significantly Reduces ICCZ
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Open-Collector Outputs Drive Bus Lines or
Buffer Memory Address Registers
D Package Options Include Plastic
Small-Outline Packages (DW) and Standard
Plastic 300-mil DIPs (N)
description
This octal buffer and line driver is designed
specifically to improve both the performance and
density of 3-state memory address drivers, clock
drivers,
and
bus-oriented
receivers
and
transmitters. The SN74BCT756, SN74BCT757,
and SN74BCT760 provide the choice of selected
combinations of inverting outputs, symmetrical
output-enable (OE) inputs, and complementary
OE and OE inputs.
The SN74BCT756 is characterized for operation
from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUT
OE
A
Y
H
X
H
L
LH
L
H
L
logic symbol
2
1A1
4
1A2
6
1A3
8
1A4
EN
1
1Y1
18
1Y2
16
1Y3
14
1Y4
12
11
2A1
13
2A2
15
2A3
17
2A4
EN
19
2Y1
9
2Y2
7
2Y3
5
2Y4
3
1OE
2OE
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
DW OR N PACKAGE
(TOP VIEW)


유사한 부품 번호 - SN74BCT756DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74BCT757 TI-SN74BCT757 Datasheet
68Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN74BCT757DW TI-SN74BCT757DW Datasheet
68Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN74BCT757DW TI1-SN74BCT757DW Datasheet
492Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN74BCT757DWE4 TI1-SN74BCT757DWE4 Datasheet
492Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN74BCT757N TI-SN74BCT757N Datasheet
68Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
More results

유사한 설명 - SN74BCT756DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74BCT757 TI-SN74BCT757 Datasheet
68Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN74BCT757 TI1-SN74BCT757_16 Datasheet
492Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN74BCT760-EP TI1-SN74BCT760-EP Datasheet
508Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN64BCT757 TI1-SN64BCT757_16 Datasheet
944Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN64BCT757 TI-SN64BCT757 Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
logo
NXP Semiconductors
74F756 PHILIPS-74F756 Datasheet
88Kb / 12P
   Octal inverter buffer open-collector
1989 Nov 27
logo
Texas Instruments
SN54BCT760 TI-SN54BCT760_07 Datasheet
523Kb / 15P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS641A TI-SN74ALS641A_07 Datasheet
496Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS641A TI-SN74ALS641A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54BCT760 TI-SN54BCT760 Datasheet
462Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com