전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSB06036R8MZF 데이터시트(PDF) 6 Page - Superworld Electronics

부품명 SSB06036R8MZF
상세설명  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUPERWORLD [Superworld Electronics]
홈페이지  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSB06036R8MZF 데이터시트(HTML) 6 Page - Superworld Electronics

  SSB06036R8MZF Datasheet HTML 1Page - Superworld Electronics SSB06036R8MZF Datasheet HTML 2Page - Superworld Electronics SSB06036R8MZF Datasheet HTML 3Page - Superworld Electronics SSB06036R8MZF Datasheet HTML 4Page - Superworld Electronics SSB06036R8MZF Datasheet HTML 5Page - Superworld Electronics SSB06036R8MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
18.04.2008
SMD POWER INDUCTORS
SSB0603 SERIES
10. UL CARD :
H
I
___
___
A
___
___
___
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
24
130
130
94V-0
1.5
130
3.0
3.0
0.75
1.5
0.30
E4810
NC , BK
94V-0
130
94V-0
130
94V-0
94V-0
94V-0
130
130
130
04
130
130
130
130
4
1
130
130
130
130
130
130
4
___
1
4
0
H
Mech
UL94
Min
Elec
mm
1.5
3.0
0.75
0.30
Thk
1.5
3.0
0.75
1.5
3.0
0.75
0.30
0.75
0.30
0.30
E4010
E400(Y)L , E4008L
NC , BK
NC , BK
Mtl Dsg
E4008 , E400X
E4008
NC , BK
NC , WT , BK
Col
4
3
180
220
94V-0
220
94V-0
220
94V-0
94V-0
94V-0
94V-0
220
220
130
130
94V-0
94V-0
94V-0
220
130
220
4
3
180
220
240
240
130
130
200
200
130
130
4
___
1
24
4
3
240
240
130
200
200
130
4
___
1
24
94V-0
130
94V-0
94V-0
94V-0
94V-0
130
130
130
130
Class
Flame
130
130
130
130
130
130
130
130
130
130
4
3
4
___
1
24
Imp
w/o
Imp
with
I
___
W
RTI
___
___
___
5
04
___
5
___
___
0
___
___
___
4
___
___
___
4C
V
___
___
___
___
___
___
___
5
___
0
___
___
4
___
___
___
___
5
___
___
___
0
___
___
4
___
___
___
___
___
___
___
5
___
___
0
___
4
___
5
___
9
R
___
T
I
___
T
E54705 (M)
D
H
GUANGDONG CHINA
Mtl Dsg
BC
TC
__
__
__
Coating Type
Type
__
ANSI
TI


유사한 부품 번호 - SSB06036R8MZF

제조업체부품명데이터시트상세설명
logo
Superworld Electronics
SSB0602 SUPERWORLD-SSB0602 Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0602100MZF SUPERWORLD-SSB0602100MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0602101MZF SUPERWORLD-SSB0602101MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0602102MZF SUPERWORLD-SSB0602102MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0602150MZF SUPERWORLD-SSB0602150MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
More results

유사한 설명 - SSB06036R8MZF

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com