전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSB0705270MZF 데이터시트(PDF) 3 Page - Superworld Electronics

부품명 SSB0705270MZF
상세설명  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUPERWORLD [Superworld Electronics]
홈페이지  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSB0705270MZF 데이터시트(HTML) 3 Page - Superworld Electronics

  SSB0705270MZF Datasheet HTML 1Page - Superworld Electronics SSB0705270MZF Datasheet HTML 2Page - Superworld Electronics SSB0705270MZF Datasheet HTML 3Page - Superworld Electronics SSB0705270MZF Datasheet HTML 4Page - Superworld Electronics SSB0705270MZF Datasheet HTML 5Page - Superworld Electronics SSB0705270MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
18.04.2008
SMD POWER INDUCTORS
7. CHARACTERISTICS CURVES :
SSB0705 SERIES
10
-1
FREQUENCY(MHZ)
-1
10
10
10
5
3
-2
10
0
5
33
5
3
10
1
5
DC CURRENT (A)
3
10
5
3
2
-1
10
5
3
-3
10
10
-1
5
3
10-2
10
3
10
0
3 5
5
3
1
10
5
2
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
102M
3
10
1
100M
1R0M
0
5
3
10
10
5
3
331M
101M
2
10
5
L
3
(uH)
3
5
4
10
3
5
0
0
10
1
102M
3
10
1
0
5
3
10
1R0M
10
5
3
100M
L
(uH)
101M
2
10
5
3
3
5
331M
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
4
10
3
5
DC CURRENT (A)
3
24
6
57
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
80
t
30
20
40
(°C)
60
50
70
90
102M 331M
101M
100M
1R0M


유사한 부품 번호 - SSB0705270MZF

제조업체부품명데이터시트상세설명
logo
Superworld Electronics
SSB0703 SUPERWORLD-SSB0703 Datasheet
512Kb / 6P
   SMD POWER INDUCTORS
SSB0703100MZF SUPERWORLD-SSB0703100MZF Datasheet
512Kb / 6P
   SMD POWER INDUCTORS
SSB0703101MZF SUPERWORLD-SSB0703101MZF Datasheet
512Kb / 6P
   SMD POWER INDUCTORS
SSB0703102MZF SUPERWORLD-SSB0703102MZF Datasheet
512Kb / 6P
   SMD POWER INDUCTORS
SSB0703120MZF SUPERWORLD-SSB0703120MZF Datasheet
512Kb / 6P
   SMD POWER INDUCTORS
More results

유사한 설명 - SSB0705270MZF

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com