전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSB0703221MZF 데이터시트(PDF) 2 Page - Superworld Electronics

부품명 SSB0703221MZF
상세설명  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUPERWORLD [Superworld Electronics]
홈페이지  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSB0703221MZF 데이터시트(HTML) 2 Page - Superworld Electronics

  SSB0703221MZF Datasheet HTML 1Page - Superworld Electronics SSB0703221MZF Datasheet HTML 2Page - Superworld Electronics SSB0703221MZF Datasheet HTML 3Page - Superworld Electronics SSB0703221MZF Datasheet HTML 4Page - Superworld Electronics SSB0703221MZF Datasheet HTML 5Page - Superworld Electronics SSB0703221MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SSB0703 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
18.04.2008
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
22.0±20%
SSB0703220MZF
SSB0703270MZF
SSB0703330MZF
SSB0703470MZF
SSB0703680MZF
SSB0703560MZF
SSB0703820MZF
SSB0703390MZF
47.0±20%
68.0±20%
56.0±20%
82.0±20%
27.0±20%
33.0±20%
39.0±20%
SSB07034R7MZF
SSB07036R8MZF
SSB07033R3MZF
SSB0703120MZF
SSB0703180MZF
SSB0703150MZF
SSB0703100MZF
10.0±20%
12.0±20%
18.0±20%
15.0±20%
4.7±20%
6.8±20%
3.3±20%
Part No.
SSB07031R0MZF
SSB07032R2MZF
SSB07031R5MZF
Inductance
2.2±20%
1.5±20%
1.0±20%
( µH )
1.05
190
400
0.75
650
0.65
720
0.60
550
0.68
300
0.90
340
0.80
240
1.00
1.50
100
130
1.20
160
1.15
120
1.45
55
2.10
75
1.90
48
2.40
( A )
( m )
Max.
37
31
2.55
3.00
26
Max.
3.25
RDC
IDC
SSB0703561MZF
SSB0703821MZF
SSB0703102MZF
SSB0703681MZF
820.0±20%
1000.0±20%
560.0±20%
680.0±20%
1V / 100K
1V / 100K
1V / 100K
1V / 100K
7900
9000
5100
7100
0.17
0.16
0.20
0.18
1100
1V / 100K
SSB0703121MZF
120.0±20%
SSB0703271MZF
270.0±20%
SSB0703471MZF
SSB0703391MZF
SSB0703331MZF
390.0±20%
470.0±20%
330.0±20%
SSB0703221MZF
SSB0703181MZF
SSB0703151MZF
180.0±20%
220.0±20%
150.0±20%
2400
1V / 100K
1V / 100K
1V / 100K
1V / 100K
4100
4400
3100
1V / 100K
1V / 100K
1V / 100K
1500
2100
1300
SSB0703101MZF
100.0±20%
1V / 100K
820
0.48
0.30
0.25
0.23
0.28
0.38
0.35
0.45
0.50
Frequency
( Hz )
Test


유사한 부품 번호 - SSB0703221MZF

제조업체부품명데이터시트상세설명
logo
Superworld Electronics
SSB0705 SUPERWORLD-SSB0705 Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0705100MZF SUPERWORLD-SSB0705100MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0705101MZF SUPERWORLD-SSB0705101MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0705102MZF SUPERWORLD-SSB0705102MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0705120MZF SUPERWORLD-SSB0705120MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
More results

유사한 설명 - SSB0703221MZF

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com