전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74727-0001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 74727-0001
상세설명  SFP Cage Lightpipe Cover Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74727-0001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  74727-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 74727-0001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SFP Cage
Lightpipe Cover Assembly
74726 1-by-1
74727 1-by-2
74728 1-by-4
74729 1-by-5
74748 1-by-6
SPECIFICATIONS
Lightpipes compensate for LED misalignment
ensuring uniform panel illumination
Lightpipes are mechanically attached to the SFP
lightpipe cover reducing assembly time and
eliminating processing issues
Cage-mounted tabs ensure proper cover placement
Lightpipe cover is separate from the actual SFP cage
allowing quality cage insertion and future upgrades
Rear and side mounted lightpipe configurations
(available on 1-by-1 and 1-by-2 versions) allow for
flexibility of PCB signal routing of LEDs
Application notes are provided on sales drawings
with recommended LEDs decreasing design time
and costs
Features and Benefits
Mechanically Integrated Lightpipe Cover Assembly Attaches to Molex’s Small Form-factor
Pluggable (SFP) Cage to Reduce Assembly Time and Eliminate Processing Issues
Designed to provide a “link” or “no link” status using
Light Emitting Diodes (LEDs) mounted on the PCB, the
integrated lightpipes and SFP cages allow the user
to reduce manufacturing time and therefore cost.
Lightpipes are attached to the cover with cage-mounted
tabs to ensure proper cover placement and positive
latching. The cover is applied to the cage after the cage
is pressed into the PCB, which ensures proper cage
placement on the PCB.
The SFP system follows the function of standard Gigabit
Interface Converter (GBIC) products, with reduced size
and increased data transfer rates at and beyond 2.5
Gbps. Ganged cages are used for EMI (Electro Magnetic
Interference) shielding of copper and optical pluggable
transceivers when plugged into host equipment, such as
network switches, routers, servers and storage devices.
Lightpipes and SFP cages are packaged and shipped
separately.
Reference Information
Packaging: Tray
Designed In: Millimeters
Physical
Light Pipes: Polycarbonate, V0 Rated
Light Pipe Cover: C770 Alloy
Operating Temperature: -55 to +105° C
Rear View: 1-by-5 lightpipe cover
(Series 74729) on 1-by-5 SFP cage
(Series 74723)
Side View: 1-by-5 lightpipe cover
(Series 74729) on 1-by-5 SFP cage
(Series 74723)
Lightpipe cover mounted on 1-by-5 SFP cage


유사한 부품 번호 - 74727-0001

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
747275-1 MACOM-747275-1 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
747275-2 MACOM-747275-2 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
747275-3 MACOM-747275-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
747275-4 MACOM-747275-4 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
More results

유사한 설명 - 74727-0001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0747540041 MOLEX1-0747540041 Datasheet
35Kb / 1P
   SFP Cage Lightpipe Cover Assembly, 1-by-4
0747540021 MOLEX1-0747540021 Datasheet
33Kb / 1P
   SFP Cage Lightpipe Cover Assembly, 1-by-2
0747540011 MOLEX1-0747540011 Datasheet
31Kb / 1P
   SFP Cage Lightpipe Cover Assembly, 1-by-1
0747280002 MOLEX1-0747280002 Datasheet
30Kb / 1P
   SFP Cage Lightpipe Cover Assembly, 1-by-4, Low Profile
0747480001 MOLEX1-0747480001 Datasheet
31Kb / 1P
   SFP Cage Lightpipe Cover Assembly, 1-by-6, Rear Mount
0747270001 MOLEX1-0747270001 Datasheet
30Kb / 1P
   SFP Cage Lightpipe Cover Assembly, 1-by-2, Rear Mount
0747280001 MOLEX1-0747280001 Datasheet
30Kb / 1P
   SFP Cage Lightpipe Cover Assembly, 1-by-4, Rear Mount
0747270002 MOLEX1-0747270002 Datasheet
31Kb / 2P
   SFP Cage Lightpipe Cover Assembly, 1-by-2, Side Mount
0747280003 MOLEX1-0747280003 Datasheet
31Kb / 1P
   SFP Cage Lightpipe Cover Assembly, 1-by-4, 4.30mm Height
0747260001 MOLEX1-0747260001 Datasheet
29Kb / 1P
   SFP Cage Lightpipe Cover Assembly, 1-by-1, Rear Mount
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com