전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZKUP-1C-24D 데이터시트(PDF) 4 Page - American Zettler, Inc.

부품명 AZKUP-1C-24D
상세설명  13 AMP GENERAL PURPOSE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZETTLER [American Zettler, Inc.]
홈페이지  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZKUP-1C-24D 데이터시트(HTML) 4 Page - American Zettler, Inc.

  AZKUP-1C-24D Datasheet HTML 1Page - American Zettler, Inc. AZKUP-1C-24D Datasheet HTML 2Page - American Zettler, Inc. AZKUP-1C-24D Datasheet HTML 3Page - American Zettler, Inc. AZKUP-1C-24D Datasheet HTML 4Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AZKUP
9/02/05 W
Popular Cross- Reference
Potter & Brumfield
AZ p/n
Magnecraft & Struthers -Dunn
Midtex
KUP5D15-12
AZKUP-1C-12D
A283XAXC-12D
KUP5D15-24
AZKUP-1C-24D
A283XAXC-24D
KUP5D15-110
AZKUP-1C-110D
A283XAXC-110D
KUP11D15-12
AZKUP-2C-12D
A283XBXC-12D
157-22B200
KUP11D15-24
AZKUP-2C-24D
A283XBXC-24D
157-22C200
KUP11D15-110
AZKUP-2C-110D
A283XBXC-110D
157-22F200
KUP14D15-12
AZKUP-3C-12D
A283XCXC-12D
157-23B200
KUP14D15-24
AZKUP-3C-24D
A283XCXC-24D
157-23C200
KUP14D15-110
AZKUP-3C-110D
A283XCXC-110D
157-23F200
KUP11A15-12
AZKUP-2C-12A
A283XBXC-12A
157-22P200
KUP11A15-24
AZKUP-2C-24A
A283XBXC-24A
157-22Q200
KUP11A15-120
AZKUP-2C-120A
A283XBXC-120A
157-22T200
KUP11A15-240
AZKUP-2C-240A
A283XBXC-240A
157-22U200
KUP14A15-12
AZKUP-3C-12A
A283XCXC-12A
157-23P200
KUP14A15-24
AZKUP-3C-24A
A283XCXC-24A
157-23Q200
KUP14A15-120
AZKUP-3C-120A
A283XCXC-120A
157-23T200
KUP14A15-240
AZKUP-3C-240A
A283XCXC-240A
157-23U200
KUP5D55-12
AZKUP-1C-12DK
A283XAXC1-12D
KUP5D55-24
AZKUP-1C-24DK
A283XAXC1-24D
KUP5D55-110
AZKUP-1C-110DK
A283XAXC1-110D
KUP11D55-12
AZKUP-2C-12DK
A283XBXC1-12D
157-32B200
KUP11D55-24
AZKUP-2C-24DK
A283XBXC1-24D
157-32C200
KUP11D55-110
AZKUP-2C-110DK
A283XBXC1-110D
157-22F200
KUP14D55-12
AZKUP-3C-12DK
A283XCXC1-12D
157-33B200
KUP14D55-24
AZKUP-3C-24DK
A283XCXC1-24D
157-33C200
KUP14D55-110
AZKUP-3C-110DK
A283XCXC1-110D
157-33F200
KUP5A55-120
AZKUP-1C-120AK
A283XAXC1-120A
KUP5A55-240
AZKUP-1C-240AK
A283XAXC1-240A
KUP11A55-120
AZKUP-2C-12AK
A283XBXC1-12A
157-32P200
KUP11A55-24
AZKUP-2C-24AK
A283XBXC1-24A
157-32Q200
KUP11A55-120
AZKUP-2C-120AK
A283XBXC1-120A
157-32T200
KUP11A55-240
AZKUP-2C-240AK
A283XBXC1-240A
157-32U200
KUP14A55-12
AZKUP-3C-12AK
A283XCXC1-12A
157-33P200
KUP14A55-24
AZKUP-3C-24AK
A283XCXC1-24A
157-33Q200
KUP14A55-120
AZKUP-3C-120AK
A283XCXC1-120A
157-33T200
KUP14A55-240
AZKUP-3C-240AK
A283XCXC1-240A
157-33U200


유사한 부품 번호 - AZKUP-1C-24D

제조업체부품명데이터시트상세설명
logo
AMAZING Microelectronic...
AZKN1040T AMAZING-AZKN1040T Datasheet
1Mb / 13P
   짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹12kV ESD Protection
Revision 2021/10/14
AZKN1040T.RDG AMAZING-AZKN1040T.RDG Datasheet
1Mb / 13P
   짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹12kV ESD Protection
Revision 2021/10/14
AZKN1044T AMAZING-AZKN1044T Datasheet
1Mb / 13P
   짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹15kV ESD Protection
Revision 2021/12/3
AZKN1044T.RDG AMAZING-AZKN1044T.RDG Datasheet
1Mb / 13P
   짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹15kV ESD Protection
Revision 2021/12/3
More results

유사한 설명 - AZKUP-1C-24D

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
K10 MACOM-K10 Datasheet
290Kb / 3P
   15 Amp General Purpose Miniature Relay
logo
Picker Components
PC113 PICKER-PC113_17 Datasheet
456Kb / 2P
   Miniature 12 & 20 Amp General Purpose Relay
PC113 PICKER-PC113_15 Datasheet
465Kb / 2P
   Minature 12 & 20 Amp General Purpose Relay
PC834 PICKER-PC834_17 Datasheet
1Mb / 2P
   Minature 12 & 20 Amp General Purpose Relay
logo
Tyco Electronics
KRP-11AG-24 MACOM-KRP-11AG-24 Datasheet
142Kb / 5P
   5 to 10 Amp General Purpose Relay
logo
List of Unclassifed Man...
QY21XXF230VAC ETC2-QY21XXF230VAC Datasheet
65Kb / 2P
   General Purpose Power Relay QY
logo
Omron Electronics LLC
G8J OMRON-G8J Datasheet
72Kb / 3P
   General Purpose Automotive Power Relay
logo
Picker Components
PC118 PICKER-PC118_17 Datasheet
1Mb / 2P
   Miniature 4 Pole 5 Amp General Purpose Relay
PC113 PICKER-PC113_14 Datasheet
330Kb / 2P
   Mina ture 12 & 20 Amp General Purpose Relay
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com