전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CBTS3306D 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74CBTS3306D
상세설명  DUAL FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTS3306D 데이터시트(HTML) 2 Page - Texas Instruments

  SN74CBTS3306D Datasheet HTML 1Page - Texas Instruments SN74CBTS3306D Datasheet HTML 2Page - Texas Instruments SN74CBTS3306D Datasheet HTML 3Page - Texas Instruments SN74CBTS3306D Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SN74CBTS3306
DUAL FET BUS SWITCH
WITH SCHOTTKY DIODE CLAMPING
SCDS029E – JANUARY 1996 – REVISED NOVEMBER 1998
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous channel current
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI/O < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
197
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
243
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
4
5.5
V
VIH
High-level control input voltage
2
V
VIL
Low-level control input voltage
0.8
V
TA
Operating free-air temperature
–40
85
°C
NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
A or B inputs
VCC =4 5V
II =18 mA
–0.7
V
VIK
Control inputs
VCC = 4.5 V,
II = –18 mA
–1.2
V
II
IIL
VCC = 5.5 V,
VI = GND
–1
µA
II
IIH
VCC = 5.5 V,
VI = 5.5 V
50
µA
ICC
VCC = 5.5 V,
IO = 0,
VI = VCC or GND
3
µA
∆ICC§
Control inputs
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
2.5
mA
Ci
Control inputs
VI = 3 V or 0
5
pF
Cio(OFF)
VO = 3 V or 0,
OE = VCC
6
pF
VCC = 4 V,
TYP at VCC = 4 V
VI = 2.4 V,
II = 15 mA
14
20
ron¶
VI =0
II = 64 mA
5
7
on
VCC = 4.5 V
VI = 0
II = 30 mA
5
7
VI = 2.4 V,
II = 15 mA
10
15
‡ All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
§ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
¶ Measured by the voltage drop between the A and B pin at the indicated current through the switch. On-state resistance is determined by the lower
of the voltages of the two (A or B) pins.


유사한 부품 번호 - SN74CBTS3306D

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTS3306D TI1-SN74CBTS3306D Datasheet
1,023Kb / 13P
[Old version datasheet]   DUAL FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS3306DR TI1-SN74CBTS3306DR Datasheet
1,023Kb / 13P
[Old version datasheet]   DUAL FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
More results

유사한 설명 - SN74CBTS3306D

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTS3306 TI1-SN74CBTS3306_15 Datasheet
1,023Kb / 13P
[Old version datasheet]   DUAL FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
logo
NXP Semiconductors
CBTS3306 PHILIPS-CBTS3306 Datasheet
75Kb / 8P
   Dual bus switch with Schottky diode clamping
2001 Nov 08
logo
Texas Instruments
SN74CBTS16211 TI-SN74CBTS16211 Datasheet
76Kb / 5P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16211 TI1-SN74CBTS16211_08 Datasheet
342Kb / 11P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS3384 TI1-SN74CBTS3384_15 Datasheet
904Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS3384 TI-SN74CBTS3384 Datasheet
66Kb / 5P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16212 TI-SN74CBTS16212_08 Datasheet
350Kb / 12P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16212 TI-SN74CBTS16212 Datasheet
82Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS6800 TI-SN74CBTS6800 Datasheet
57Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
SN74CBTS6800 TI1-SN74CBTS6800_15 Datasheet
739Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com