전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AME41-1.2 데이터시트(PDF) 3 Page - Analog Microelectronics

부품명 AME41-1.2
상세설명  Shunt Bandgap Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AME [Analog Microelectronics]
홈페이지  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME41-1.2 데이터시트(HTML) 3 Page - Analog Microelectronics

  AME41-1.2 Datasheet HTML 1Page - Analog Microelectronics AME41-1.2 Datasheet HTML 2Page - Analog Microelectronics AME41-1.2 Datasheet HTML 3Page - Analog Microelectronics AME41-1.2 Datasheet HTML 4Page - Analog Microelectronics AME41-1.2 Datasheet HTML 5Page - Analog Microelectronics AME41-1.2 Datasheet HTML 6Page - Analog Microelectronics AME41-1.2 Datasheet HTML 7Page - Analog Microelectronics AME41-1.2 Datasheet HTML 8Page - Analog Microelectronics AME41-1.2 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AME
3
AME41-1.2
Shunt Bandgap Voltage Reference
Rev.G.03
n Ordering Information
Operating Ambient Temperature Range
Number of Pins
Package Type
Accuracy
Special Feature1
AME41
x x x x x - x
Special Feature2
Package Lead Pitch
A: 0.5%
E: -40OC to +85OC
A: TO-92
A: 8
Z: Lead Free
N/A:
Taping
5.08mm
E: SOT-2X
S: 2
1:
Bulk
2.54mm
(SOP-8)
H: SOP
T: 3
(TO-92-2)
(TO-92-3)
(SOT-23)
Special Feature2
(For TO-92 Package Only)
Special Feature1
Accuracy
Operating Ambient
Temperature
Range
Package
Type
Number
of
Pins


유사한 부품 번호 - AME41-1.2

제조업체부품명데이터시트상세설명
logo
Analog Microelectronics
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results

유사한 설명 - AME41-1.2

제조업체부품명데이터시트상세설명
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
   Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
   Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
   Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
   Shunt Bandgap Voltage Reference
AME385-1.2 AME-AME385-1.2 Datasheet
183Kb / 14P
   Shunt Bandgap Voltage Reference
logo
Calogic, LLC
CLM4040 CALOGIC-CLM4040 Datasheet
32Kb / 3P
   Precision Micropower Bandgap Shunt Reference
CLM4041 CALOGIC-CLM4041 Datasheet
32Kb / 3P
   Precision Micropower Bandgap Shunt Reference
logo
Linear Technology
LT1029 LINER-LT1029 Datasheet
193Kb / 4P
   5V Bandgap Reference
LT1029A LINER-LT1029A_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
LT1029 LINER-LT1029_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com