전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74FB2031RC 데이터시트(PDF) 2 Page - Texas Instruments

부품명 SN74FB2031RC
상세설명  9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74FB2031RC 데이터시트(HTML) 2 Page - Texas Instruments

  SN74FB2031RC Datasheet HTML 1Page - Texas Instruments SN74FB2031RC Datasheet HTML 2Page - Texas Instruments SN74FB2031RC Datasheet HTML 3Page - Texas Instruments SN74FB2031RC Datasheet HTML 4Page - Texas Instruments SN74FB2031RC Datasheet HTML 5Page - Texas Instruments SN74FB2031RC Datasheet HTML 6Page - Texas Instruments SN74FB2031RC Datasheet HTML 7Page - Texas Instruments SN74FB2031RC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SN74FB2031
9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SCBS176K – NOVEMBER 1991 – REVISED SEPTEMBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Pins are allocated for the 4-wire IEEE Std 1149.1 (JTAG) test bus. TMS and TCK are not connected and TDI
is shorted to TDO.
BIAS VCC establishes a voltage between 1.62 V and 2.1 V on the BTL outputs when VCC is not connected.
BG VCC and BG GND are the supply inputs for the bias generator.
The SN74FB2031 is characterized for operation from 0
°C to 70°C.
Function Tables
TRANSCEIVER
INPUTS
FUNCTION
OEA
OEB
OEB
FUNCTION
L
H
L
A data to B bus
H
L
X
B data to A b s
H
XH
B data to A bus
H
H
L
A data to B bus, B data to A bus
L
L
X
Isolation
L
X
H
Isolation
STORAGE MODE
LCA, LCB
RESULT
0
Transparent
1
Latches latched
Flip-flops triggered
SELECT
SEL1
SEL0
MUX
A
→B
MUX
B
→A
0
0
Latch
Latch
0
1
Through
Through
1
0
Flip-flop
Flip-flop
1
1
Flip-flop
Latch


유사한 부품 번호 - SN74FB2031RC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74FB2031RC TI1-SN74FB2031RC Datasheet
708Kb / 13P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2031RCG3 TI1-SN74FB2031RCG3 Datasheet
708Kb / 13P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2031RCR TI1-SN74FB2031RCR Datasheet
708Kb / 13P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2031RCRG3 TI1-SN74FB2031RCRG3 Datasheet
708Kb / 13P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
More results

유사한 설명 - SN74FB2031RC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74FB2031 TI1-SN74FB2031_14 Datasheet
708Kb / 13P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
National Semiconductor ...
DS3883A NSC-DS3883A Datasheet
130Kb / 9P
   BTL 9-Bit Data Transceiver
DS3886A NSC-DS3886A Datasheet
187Kb / 11P
   BTL 9-Bit Latching Data Transceiver
logo
NXP Semiconductors
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
DS38C86A TI1-DS38C86A Datasheet
203Kb / 12P
[Old version datasheet]   DS38C86A CMOS BTL 9-Bit Latching Data Transceiver
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com