전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74191-0003 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 74191-0003
상세설명  High Speed Edgecard Connector in Ground Signal Format for High Performance Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74191-0003 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  74191-0003 Datasheet HTML 1Page - Molex Electronics Ltd. 74191-0003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FEATURES AND SPECIFICATIONS
HiSpecGS
High Speed Edgecard
Connector in Ground Signal
Format for High Performance
Applications
Features and Benefits
s
Ground by Design terminals for low insertion force and high
speed electrical performance (~400MHz)
s
Standard PCB tolerances can be used for less expensive
board production
s
Surface Mount Compatible
s
Ground-signal-ground-signal format provides excellent
signal integrity and impedance control
s
108 and 242 circuit connectors for 28
Ω systems
s
330 circuit connectors for 50
Ω systems
Reference Information
Product Specification: PS-74191
UL File No.: 97129UL
CSA File No.: LR 19980-483
Electrical
Voltage: 30Vrms
Current: Per signal pin—0.5A
Per power pin—1.75A
Contact Resistance: 5m
Ω max.
Dielectric Withstanding Voltage: 400V AC
Insulation Resistance: 1000 M
Ω min.
Loop Inductance: 108 and 242 Circuit — 2.5nH
Capacitance: 108 and 242 Circuit — 2.6pF
Mechanical
Mating Force: 1.32kg (2.90 lbs.) max. per group of 30 pins
Durability: 50 Cycles
Physical
Housing: Glass-filled LCP, UL 94V-0
Contact: Copper Alloy
Plating: Gold flash over Palladium Nickel, Nickel underplate
Forklock: Phosphor Bronze
ORDERING INFORMATION AND DIMENSIONS
Note: Contact Inside Sales for other circuit sizes
Circuits
Order No.
PC Tail Length
PCB Hold Down
108
74191-0007
2.29 (.090)
2 Forklocks
108
74191-0003
2.92 (.115)
2 Forklocks
242
74191-0005
2.29 (.090)
3 Forklocks
242
74191-0004
2.92 (.115)
3 Forklocks
330
74191-0002
2.92 (.115)
4 Forklocks
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
Tel:1-800-78MOLEX
Fax:630-969-1352
Far East North Headquarters
Yamato, Kanagawa, Japan
Tel:81-462-65-2324
Fax:81-462-65-2366
Far East South Headquarters
Jurong, Singapore
Tel:65-268-6868
Fax:65-265-6044
European Headquarters
Munich, Germany
Tel:49-89-413092-0
Fax:49-89-401527
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
Tel:630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com
Order No. USA-074
Printed in USA/5K/JI/JI/99.09
©
1999, Molex


유사한 부품 번호 - 74191-0003

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74191 NSC-74191 Datasheet
129Kb / 6P
   Synchronous Up/Down 4-Bit Binary Counter with Mode Control
logo
Fairchild Semiconductor
74191 FAIRCHILD-74191 Datasheet
72Kb / 6P
   Synchronous 4-Bit Up/Down Counter with Mode Control
logo
Myrra
74191 MYRRA-74191 Datasheet
128Kb / 1P
   DIMMER CHOKES FOR EMI SUPPRESSION
More results

유사한 설명 - 74191-0003

제조업체부품명데이터시트상세설명
logo
Analog Devices
AN-214 AD-AN-214 Datasheet
356Kb / 3P
   GROUND RULES FOR HIGH SPEED CIRCUITS
ADSP-21060 AD-ADSP-21060 Datasheet
811Kb / 64P
   High performance signal processor for communications graphics and imaging applications
Rev. F
logo
Infineon Technologies A...
BAV99E6327 INFINEON-BAV99E6327 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
BAV99S-E6327 INFINEON-BAV99S-E6327 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
logo
Samtec, Inc
QSE-020-01-L-D-A SAMTEC-QSE-020-01-L-D-A Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QTH-090-04-L-D-A-K SAMTEC-QTH-090-04-L-D-A-K Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE HEADER
QTE-020-03-L-D-A SAMTEC-QTE-020-03-L-D-A Datasheet
327Kb / 1P
   HIGH-SPEED GROUND PLANE HEADER
QTS-025-01-L-D-A SAMTEC-QTS-025-01-L-D-A Datasheet
332Kb / 1P
   HIGH-SPEED GROUND PLANE HEADER
QTE-040-01-H-D-A-K-TR SAMTEC-QTE-040-01-H-D-A-K-TR Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE HEADER
logo
Infineon Technologies A...
BAS16-02VE6327 INFINEON-BAS16-02VE6327 Datasheet
1,015Kb / 21P
   For high-speed switching applications
2009-09-28
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com