전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STF1006 데이터시트(PDF) 2 Page - Superworld Electronics

부품명 STF1006
상세설명  COMMON MODE CHOKE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUPERWORLD [Superworld Electronics]
홈페이지  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

STF1006 데이터시트(HTML) 2 Page - Superworld Electronics

  STF1006 Datasheet HTML 1Page - Superworld Electronics STF1006 Datasheet HTML 2Page - Superworld Electronics STF1006 Datasheet HTML 3Page - Superworld Electronics STF1006 Datasheet HTML 4Page - Superworld Electronics STF1006 Datasheet HTML 5Page - Superworld Electronics STF1006 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
(a) Core : Ferrite Core
(b) Wire : Enamelled Copper Wire
(c) Base : Phenolic
(d) Terminal : Tinned Copper Wire
SUPERWORLD ELECTRONICS (S) PTE LTD
4. MATERIALS :
COMMON MODE CHOKE
STF1006 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
09.05.2008
(e) Adhesive : Epoxy
6. ELECTRICAL CHARACTERISTICS :
a) Temp. rise : 45°C Max. at rated current
b) Storage temp. : -40°C to +125°C
c) Operating temp. : -40°C to +80°C
d) Resistance to solder heat : 260°C. 10secs
5. GENERAL SPECIFICATION :
Part No.
STF1006121YZF
STF1006102YZF
STF1006501YZF
STF1006251YZF
STF1006202YZF
2000±40%
0.250 Max.
1000±40%
500±40%
250±40%
0.060 Max.
0.180 Max.
0.030 Max.
0.45
2000 Min.
0.5 ~ 15
800 Min.
0.90
0.50
1400 Min.
1.25
400 Min.
2 ~ 50
1 ~ 40
5 ~ 100
( A )
Rated Current
Inductance
DC Resistance
120±40%
( µH )
L1 , L2
(
)
0.025 Max.
N1 , N2
Frequency
1.40
200 Min.
Impedance
(
)
( MHz )
10 ~ 200
Range
* Hi-Pot Test ( N1-N2 ) : 500VAC 60Hz 3mA 5S (50KHz/1V)
(f) Ink : Bon Margue
a
d
c
b
e
5000±40%
STF1006502YZF
STF1006302YZF
STF1006402YZF
4000±40%
3000±40%
0.5 ~ 3
5000 Min.
0.25
0.630 Max.
0.580 Max.
0.300 Max.
0.30
0.40
4000 Min.
3000 Min.
0.5 ~ 5
0.5 ~ 10
*


유사한 부품 번호 - STF1006

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STF100N10F7 STMICROELECTRONICS-STF100N10F7 Datasheet
1Mb / 23P
   N-channel 100 V, 0.0068 廓 typ., 80 A, STripFET??VII DeepGATE??Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
logo
Inchange Semiconductor ...
STF100N10F7 ISC-STF100N10F7 Datasheet
290Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STF100N10F7 STMICROELECTRONICS-STF100N10F7 Datasheet
652Kb / 28P
   N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
DS9291 - Rev 5 - June 2018
STF100N6F7 STMICROELECTRONICS-STF100N6F7 Datasheet
419Kb / 13P
   N-channel 60 V, 4.6 m??typ., 46 A STripFET??F7 Power MOSFET in a TO-220FP package
February 2015 Rev 3
logo
Inchange Semiconductor ...
STF100N6F7 ISC-STF100N6F7 Datasheet
311Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - STF1006

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
   COMMON MODE CHOKE
logo
ice Components, Ins.
C01-0150-02-00 ICE-C01-0150-02-00 Datasheet
373Kb / 2P
   Common Mode Choke
CSO2 ICE-CSO2 Datasheet
307Kb / 2P
   Common Mode Choke
logo
List of Unclassifed Man...
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
   Common-Mode Choke
logo
PCA ELECTRONICS INC.
EPA3685-1 PCA-EPA3685-1 Datasheet
69Kb / 1P
   Common Mode Choke
EPA3482S PCA-EPA3482S Datasheet
78Kb / 1P
   Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
   COMMON MODE CHOKE
logo
XFMRS Inc.
XF0063-EE35CMC XFMRS-XF0063-EE35CMC Datasheet
95Kb / 2P
   COMMON MODE CHOKE
XF0086-02SM XFMRS-XF0086-02SM Datasheet
41Kb / 1P
   COMMON MODE CHOKE
XF0103-HO2 XFMRS-XF0103-HO2 Datasheet
36Kb / 1P
   Common Mode Choke
XF0103-HPCMC XFMRS-XF0103-HPCMC Datasheet
92Kb / 2P
   Common Mode Choke
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com