전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD-5224G 데이터시트(PDF) 2 Page - China Semiconductor Corporation

부품명 CSD-5224G
상세설명  0.52 Inch Dual Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHINASEMI [China Semiconductor Corporation]
홈페이지  
Logo CHINASEMI - China Semiconductor Corporation

CSD-5224G 데이터시트(HTML) 2 Page - China Semiconductor Corporation

  CSD-5224G Datasheet HTML 1Page - China Semiconductor Corporation CSD-5224G Datasheet HTML 2Page - China Semiconductor Corporation CSD-5224G Datasheet HTML 3Page - China Semiconductor Corporation CSD-5224G Datasheet HTML 4Page - China Semiconductor Corporation CSD-5224G Datasheet HTML 5Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.56 inch (14.2mm) dight height.
3. RoHs compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Package Dimensions -
Page
1/4
CSD-525B7
InGaN
Super Bright Blue
Common Cathode
http://www.csctw.com.tw
PS-ND-08071918
A
Emitted Color
Chip
CSD-524B7
2. Case mold type.
Model No CSD-524/525B7
InGaN
Super Bright Blue
Material
Part No.
Common Anode
Description


유사한 부품 번호 - CSD-5224G

제조업체부품명데이터시트상세설명
logo
China Semiconductor Cor...
CSD-5224A9 CHINASEMI-CSD-5224A9 Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224B7 CHINASEMI-CSD-5224B7 Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224E CHINASEMI-CSD-5224E Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224M9 CHINASEMI-CSD-5224M9 Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224S CHINASEMI-CSD-5224S Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
More results

유사한 설명 - CSD-5224G

제조업체부품명데이터시트상세설명
logo
China Semiconductor Cor...
CSD-5224M9 CHINASEMI-CSD-5224M9 Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224V9 CHINASEMI-CSD-5224V9 Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224B7 CHINASEMI-CSD-5224B7 Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224A9 CHINASEMI-CSD-5224A9 Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224S CHINASEMI-CSD-5224S Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224E CHINASEMI-CSD-5224E Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CST-5234S CHINASEMI-CST-5234S Datasheet
197Kb / 6P
   0.52 Inch Triad Digits Display
logo
Ningbo Foryard Optoelec...
FYT-5231EX-00 FORYARD-FYT-5231EX-00 Datasheet
532Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
FYT-5231AX-00 FORYARD-FYT-5231AX-00 Datasheet
529Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
FYT-5231CX-00 FORYARD-FYT-5231CX-00 Datasheet
516Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com