전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD-528M9 데이터시트(PDF) 4 Page - China Semiconductor Corporation

부품명 CSD-528M9
상세설명  0.5 Inch Dual Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHINASEMI [China Semiconductor Corporation]
홈페이지  
Logo CHINASEMI - China Semiconductor Corporation

CSD-528M9 데이터시트(HTML) 4 Page - China Semiconductor Corporation

  CSD-528M9 Datasheet HTML 1Page - China Semiconductor Corporation CSD-528M9 Datasheet HTML 2Page - China Semiconductor Corporation CSD-528M9 Datasheet HTML 3Page - China Semiconductor Corporation CSD-528M9 Datasheet HTML 4Page - China Semiconductor Corporation CSD-528M9 Datasheet HTML 5Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.8
V
IF=20mA
Iv
-
10
-
mcd
IF=10mA
q
-
570
-
nm
IF=20mA
Od
-
568
-
nm
IF=20mA
-
30
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
IF=10mA
Page
3/4
Luminous Intensity Matching Ratio
Peak Emission Wavelength
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Spectrum Radiation Bandwidth
http://www.csctw.com.tw
Model No CSD-528/529M9
PS-ND-08071905
A
Reverse Current
Dominant Wavelength


유사한 부품 번호 - CSD-528M9

제조업체부품명데이터시트상세설명
logo
China Semiconductor Cor...
CSD-528A9 CHINASEMI-CSD-528A9 Datasheet
176Kb / 5P
   0.5 Inch Dual Digits Display
CSD-528B7 CHINASEMI-CSD-528B7 Datasheet
171Kb / 5P
   0.5 Inch Dual Digits Display
CSD-528E CHINASEMI-CSD-528E Datasheet
175Kb / 5P
   0.5 Inch Dual Digits Display
CSD-528G CHINASEMI-CSD-528G Datasheet
172Kb / 5P
   0.5 Inch Dual Digits Display
CSD-528S CHINASEMI-CSD-528S Datasheet
175Kb / 5P
   0.5 Inch Dual Digits Display
More results

유사한 설명 - CSD-528M9

제조업체부품명데이터시트상세설명
logo
PARA LIGHT ELECTRONICS ...
C-502G PARALIGHT-C-502G Datasheet
198Kb / 10P
   0.5 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-528G CHINASEMI-CSD-528G Datasheet
172Kb / 5P
   0.5 Inch Dual Digits Display
CSD-528E CHINASEMI-CSD-528E Datasheet
175Kb / 5P
   0.5 Inch Dual Digits Display
CSD-528V9 CHINASEMI-CSD-528V9 Datasheet
170Kb / 5P
   0.5 Inch Dual Digits Display
CSD-528A9 CHINASEMI-CSD-528A9 Datasheet
176Kb / 5P
   0.5 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
A-502E PARALIGHT-A-502E Datasheet
200Kb / 10P
   0.5 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-528S CHINASEMI-CSD-528S Datasheet
175Kb / 5P
   0.5 Inch Dual Digits Display
CSD-528T9 CHINASEMI-CSD-528T9 Datasheet
176Kb / 5P
   0.5 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
C-502E PARALIGHT-C-502E Datasheet
199Kb / 10P
   0.5 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-528B7 CHINASEMI-CSD-528B7 Datasheet
171Kb / 5P
   0.5 Inch Dual Digits Display
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com