전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD-5422V9 데이터시트(PDF) 2 Page - China Semiconductor Corporation

부품명 CSD-5422V9
상세설명  0.54 Inch Dual Digit Alphanumeric Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHINASEMI [China Semiconductor Corporation]
홈페이지  
Logo CHINASEMI - China Semiconductor Corporation

CSD-5422V9 데이터시트(HTML) 2 Page - China Semiconductor Corporation

  CSD-5422V9 Datasheet HTML 1Page - China Semiconductor Corporation CSD-5422V9 Datasheet HTML 2Page - China Semiconductor Corporation CSD-5422V9 Datasheet HTML 3Page - China Semiconductor Corporation CSD-5422V9 Datasheet HTML 4Page - China Semiconductor Corporation CSD-5422V9 Datasheet HTML 5Page - China Semiconductor Corporation CSD-5422V9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.54 inch (13.8 mm) digit height.
3. RoHs compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Package Dimensions -
Page
1/5
CSD-5422V9
2. Case mold type.
Model No CSD-5422V9/5423V9
Part No.
PS-ND-0712
A
Common Anode
Description
http://www.csctw.com.tw
Material
Emitted Color
Chip
CSD-5423V9
AlGaInP
Super-Bright
Orange
Common Cathode


유사한 부품 번호 - CSD-5422V9

제조업체부품명데이터시트상세설명
logo
China Semiconductor Cor...
CSD-5422A9 CHINASEMI-CSD-5422A9 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422B7 CHINASEMI-CSD-5422B7 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422E CHINASEMI-CSD-5422E Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422G CHINASEMI-CSD-5422G Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422M9 CHINASEMI-CSD-5422M9 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
More results

유사한 설명 - CSD-5422V9

제조업체부품명데이터시트상세설명
logo
China Semiconductor Cor...
CSD-5422A9 CHINASEMI-CSD-5422A9 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422E CHINASEMI-CSD-5422E Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422B7 CHINASEMI-CSD-5422B7 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422T9 CHINASEMI-CSD-5422T9 Datasheet
201Kb / 6P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422G CHINASEMI-CSD-5422G Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422M9 CHINASEMI-CSD-5422M9 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422S CHINASEMI-CSD-5422S Datasheet
199Kb / 6P
   0.54 Inch Dual Digit Alphanumeric Display
logo
Kingbright Corporation
PDC54-12GWA KINGBRIGHT-PDC54-12GWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12EWA KINGBRIGHT-PDA54-12EWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12SRWA KINGBRIGHT-PDA54-12SRWA Datasheet
128Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com