전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74526-1009 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 74526-1009
상세설명  LaneLink??10GBASE-CX4 Cable Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74526-1009 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  74526-1009 Datasheet HTML 1Page - Molex Electronics Ltd. 74526-1009 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
0.50mm (.020") Pitch
LaneLink™ 10GBASE-CX4
Cable Assemblies
74526
I Gigabit Ethernet Applications:
- Enterprise, core and edge networking
- Switches, servers and routers
I Industry Standard Organizations:
- 4X and 12X InfiniBand*
- 10 Gigabit Ethernet
- 10 Gigabit Fibre Channel
- 4X SATA2
- 4X Serial Attach SCSI (SAS)
Complementary Products
I 4X and 12X Connectors (9125, 91629, 91635,
91659, 92903)
I XENPAK Modules (74734)
I XPAK Modules (74732)
I X2 Copper Transceivers (74735)
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com/product/io/lanelink.html
Order No. USA-279
Printed in USA/JI/2004.12
©2004, Molex
ORDERING INFORMATION
*InfiniBand is a registered trademark of the InfiniBand Trade Association
Order No.
Wire Size
Cable Length
74526-1001
28
0.5m (1.64 ft.)
74526-1002
28
1.0m (3.28 ft.)
74526-1003
28
2.0m (6.56 ft.)
74526-1004
28
3.0m (9.84 ft.)
74526-1005
28
5.0m (16.40 ft.)
74526-1008
28
9.0m (29.53 ft.)
74526-1006
26
10.0m (32.81 ft.)
74526-1010
26
12.0m (39.37 ft.)
74526-1009
26
14.0m (45.93 ft.)
74526-1007
24
15.0m (49.21 ft.)


유사한 부품 번호 - 74526-1009

제조업체부품명데이터시트상세설명
logo
Myrra
74520 MYRRA-74520 Datasheet
100Kb / 1P
   CURRENT TRANSFORMERS
logo
Tyco Electronics
745201-7 MACOM-745201-7 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
745201-9 MACOM-745201-9 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
745203-2 MACOM-745203-2 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
745205-7 MACOM-745205-7 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
More results

유사한 설명 - 74526-1009

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
74527-3001 MOLEX-74527-3001 Datasheet
725Kb / 2P
   LaneLink??4X Cable Assemblies
logo
Tripp Lite. All Rights ...
N26303M TRIPPLITE-N26303M Datasheet
468Kb / 2P
   10GBase CX4 Cable, 3M (10-ft)
N26301M TRIPPLITE-N26301M Datasheet
478Kb / 2P
   10GBase CX4 Cable, 1M (3-ft)
N26302M TRIPPLITE-N26302M Datasheet
478Kb / 2P
   10GBase CX4 Cable, 2M (6-ft)
N26305M TRIPPLITE-N26305M Datasheet
469Kb / 2P
   10GBase CX4 Cable, 5M (16-ft)
N26320I TRIPPLITE-N26320I Datasheet
469Kb / 2P
   10GBase CX4 Cable, 0.5M (20-in)
logo
MRV Communications, Inc...
XFP-CX4 MRV-XFP-CX4 Datasheet
141Kb / 7P
   10GBASE-CX4 Copper XFP Transceiver
logo
Molex Electronics Ltd.
74506 MOLEX-74506 Datasheet
100Kb / 2P
   0.50mm (.020?? Pitch LaneLink??4x and 12x Cable Assemblies
logo
Fujitsu Component Limit...
FCU-010M002 FUJITSU-FCU-010M002 Datasheet
466Kb / 24P
   x-mGC, Electrical Transceiver for 10GBASE-CX4
FCU-022M101 FUJITSU-FCU-022M101 Datasheet
327Kb / 12P
   x-mGC, Electrical Transceiver for 10GBASE-CX4
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com