전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74TVC3010DW 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74TVC3010DW
상세설명  10-BIT VOLTAGE CLAMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC3010DW 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74TVC3010DW Datasheet HTML 3Page - Texas Instruments SN74TVC3010DW Datasheet HTML 4Page - Texas Instruments SN74TVC3010DW Datasheet HTML 5Page - Texas Instruments SN74TVC3010DW Datasheet HTML 6Page - Texas Instruments SN74TVC3010DW Datasheet HTML 7Page - Texas Instruments SN74TVC3010DW Datasheet HTML 8Page - Texas Instruments SN74TVC3010DW Datasheet HTML 9Page - Texas Instruments SN74TVC3010DW Datasheet HTML 10Page - Texas Instruments SN74TVC3010DW Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SN74TVC3010
10-BIT VOLTAGE CLAMP
SCDS088A – APRIL 1999 – REVISED JUNE 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
3.2
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0.4
0.8
1.2
1.6
2.0
2.4
2.8
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
VSPASS – Low Reference Voltage – V
Weak
Nominal
Strong
VREF = 1 V
VDDREF = 3.3 V
RDREF = 200 kΩ
RDPASS = 150 Ω
VDDPASS = 3.3 V
Weak
Nominal
Strong
Weak
Nominal
Strong
VSPASS – Low Reference Voltage – V
VSPASS – Low Reference Voltage – V
VREF = 1.5 V
VDDREF = 3.3 V
RDREF = 200 kΩ
RDPASS = 150 Ω
VDDPASS = 3.3 V
VREF = 2 V
VDDREF = 3.3 V
RDREF = 200 kΩ
RDPASS = 150 Ω
VDDPASS = 3.3 V
Figure 5. Electrical Characteristics at Low VREF Voltages


유사한 부품 번호 - SN74TVC3010DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74TVC3010DW TI-SN74TVC3010DW Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010DW TI1-SN74TVC3010DW Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010DWE4 TI-SN74TVC3010DWE4 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010DWG4 TI-SN74TVC3010DWG4 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010DWR TI-SN74TVC3010DWR Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
More results

유사한 설명 - SN74TVC3010DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010_07 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
   10-bit GTL Processor Voltage Clamp
1999 Apr 05
logo
Texas Instruments
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com