전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54LT1 데이터시트(PDF) 2 Page - Motorola, Inc

부품명 BAT54LT1
상세설명  30 VOLTS SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BAT54LT1 데이터시트(HTML) 2 Page - Motorola, Inc

  BAT54LT1 Datasheet HTML 1Page - Motorola, Inc BAT54LT1 Datasheet HTML 2Page - Motorola, Inc BAT54LT1 Datasheet HTML 3Page - Motorola, Inc BAT54LT1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT54LT1
5–2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2 k
820
0.1
µF
DUT
VR
100
µH
0.1
µF
50
Ω OUTPUT
PULSE
GENERATOR
50
Ω INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1 mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit
100
0.0
0.1
VF, FORWARD VOLTAGE (VOLTS)
0.2
0.3
0.4
0.5
10
1.0
0.1
85
°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
510
15
20
25
14
0
VR, REVERSE VOLTAGE (VOLTS)
12
4
2
0
510
15
30
Figure 2. Forward Voltage
Figure 3. Leakage Current
Figure 4. Total Capacitance
–40
°C
25
°C
TA = 150°C
TA = 125°C
TA = 85°C
TA = 25°C
0.6
–55
°C
150
°C
125
°C
100
1000
30
25
20
6
8
10


유사한 부품 번호 - BAT54LT1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BAT54LT1 ONSEMI-BAT54LT1 Datasheet
48Kb / 4P
   Schottky Barrier Diodes
September, 2005 ??Rev. 8
logo
Leshan Radio Company
BAT54LT1 LRC-BAT54LT1 Datasheet
61Kb / 2P
   Schottky Barrier Diodes
logo
ON Semiconductor
BAT54LT1G ONSEMI-BAT54LT1G Datasheet
48Kb / 4P
   Schottky Barrier Diodes
September, 2005 ??Rev. 8
BAT54LT1G ONSEMI-BAT54LT1G Datasheet
59Kb / 4P
   Schottky Barrier Diodes
December, 2014 ??Rev. 13
BAT54LT1G ONSEMI-BAT54LT1G Datasheet
87Kb / 4P
   Schottky Barrier Diodes
October, 2016 ??Rev. 14
More results

유사한 설명 - BAT54LT1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BAT54SLT1 MOTOROLA-BAT54SLT1 Datasheet
80Kb / 4P
   30 VOLTS DUAL HOT-CARRIER DETECTOR AND SWITCHING DIODES
logo
ON Semiconductor
MBD301 ONSEMI-MBD301 Datasheet
90Kb / 4P
   SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
1997
MBD701 ONSEMI-MBD701 Datasheet
89Kb / 4P
   SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
1997
MMBD452LT1 ONSEMI-MMBD452LT1 Datasheet
96Kb / 4P
   DUAL HOT-CARRIER DETECTOR AND SWITCHING DIODES
November, 2001 ??Rev. 2
logo
Motorola, Inc
MBD301 MOTOROLA-MBD301 Datasheet
130Kb / 6P
   30 VOLTS SILICON HOT.CARRIER DETECTOR AND SWITCHING DIODES
BAT54ALT1 MOTOROLA-BAT54ALT1 Datasheet
78Kb / 4P
   30 VOLTS SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
MBD54DWT1 MOTOROLA-MBD54DWT1 Datasheet
85Kb / 4P
   30 VOLTS DUAL HOT.CARRIER DETECTOR AND SWITCHING DIODES
logo
ON Semiconductor
MBD301G ONSEMI-MBD301G Datasheet
135Kb / 5P
   Silicon Hot-Carrier Diodes
August, 2009 ??Rev. 5
MBD301G ONSEMI-MBD301G_16 Datasheet
95Kb / 5P
   Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 8
MMDL301T1G ONSEMI-MMDL301T1G Datasheet
94Kb / 3P
   Silicon Hot-Carrier Diodes
September, 2010??Rev. 2
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com