전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

93070-3501 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 93070-3501
상세설명  RAST 2.5 Vertical Male Headers 2.50 and 5.00mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

93070-3501 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  93070-3501 Datasheet HTML 1Page - Molex Electronics Ltd. 93070-3501 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
© 2008, Molex
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Asia Pacific North Headquarters
Yamato, Kanagawa, Japan
81-46-265-2325
apninfo@molex.com
Asia Pacific South Headquarters
Jurong, Singapore
65-6268-6868
apsinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
P: 630-969-4550
F: 630-969-1352
USA/KC/2008.12
Order No. 987650-2661
www.molex.com/link/rast25.html
ORDERING INFORMATION
Order No.
Pitch
Circuit Size
Voltage
Coding
Latching
Plant No. for Samples
93071-0001
5.00mm (.197”)
2
250V
None
Yes
Molex Shanghai (plant 2601)
93071-1001
3
93070-0001
2.50mm (.098”)
3
32V
93070-1001
5
93070-1501
6
93070-2001
7
93070-2501
8
93070-3001
9
93070-3501
10
93070-4501
12
n
Home appliance / white goods
Washing machines
Dishwashers
Dryers
RAST 2.5 Vertical Male Headers
2.50 and 5.00mm
(.098 and .197”) Pitch
93070 2.50mm (.098”) Pitch
93071 5.00mm (.197”) Pitch


유사한 부품 번호 - 93070-3501

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
93070-3501 MOLEX11-93070-3501 Datasheet
407Kb / 5P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 Header, Vertical, 10 Circuits, Glow Wire Compatible, with Latch
More results

유사한 설명 - 93070-3501

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0930711004 MOLEX11-0930711004 Datasheet
198Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 3 Circuits, Reference K00, Glow
0945294107 MOLEX11-0945294107 Datasheet
130Kb / 2P
   5.00mm (.197") Pitch RAST
0930713001 MOLEX11-0930713001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 5 Circuits, Reference K00, Glow Wire
0930716001 MOLEX11-0930716001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 8 Circuits, Reference K00, Glow Wire Compatible
0930711005 MOLEX11-0930711005 Datasheet
198Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 3 Circuits, Reference K00, Glow Wire Compatible
0930710001 MOLEX11-0930710001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 2 Circuits, Reference K00, Glow Wire Compatible
0930712001 MOLEX11-0930712001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 4 Circuits, Reference K00, Glow Wire Compatible
0930711001 MOLEX11-0930711001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 3 Circuits, Reference K00, Glow Wire Compatible
0930715001 MOLEX11-0930715001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 7 Circuits, Reference K00, Glow Wire Compatible
0930714001 MOLEX11-0930714001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 6 Circuits, Reference K00, Glow Wire Compatible
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com