전자부품 데이터시트 검색엔진 |
|
TL070D 데이터시트(PDF) 10 Page - Texas Instruments |
|
TL070D 데이터시트(HTML) 10 Page - Texas Instruments |
10 / 15 page TL070 JFET-INPUT OPERATIONAL AMPLIFIER SLOS121A – NOVEMBER 1993 – REVISED AUGUST 1994 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† Figure 9 –75 0 TA – Free-Air Temperature – °C 125 ±15 –50 –25 0 25 50 75 100 ±2.5 ±5 ±7.5 ±10 ±12.5 RL = 10 kΩ VCC ± = ±15 V See Figure 2 MAXIMUM PEAK OUTPUT VOLTAGE vs FREE-AIR TEMPERATURE RL = 2 kΩ Figure 10 0.1 0 RL – Load Resistance – kΩ 10 ±15 ±2.5 ±5 ±7.5 ±10 ±12.5 VCC ± = ±15 V TA = 25°C See Figure 2 0.2 0.4 0.7 1 2 4 7 MAXIMUM PEAK OUTPUT VOLTAGE vs LOAD RESISTANCE Figure 11 0 0 |VCC ±| – Supply Voltage – V 16 ±15 2 4 6 8 10 12 14 ±2.5 ±5 ±7.5 ±10 ±12.5 RL = 10 kΩ TA = 25°C MAXIMUM PEAK OUTPUT VOLTAGE vs SUPPLY VOLTAGE Figure 12 –75 1 TA – Free-Air Temperature – °C 125 1000 –50 –25 0 25 50 75 100 2 4 10 20 40 100 200 400 VCC ± = ±15 V VO = ± 10 V RL = 2 kΩ LARGE-SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION VS FREE-AIR TEMPERATURE † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. An 18-pF compensation capacitor is used. |
유사한 부품 번호 - TL070D |
|
유사한 설명 - TL070D |