전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB120-0.9 데이터시트(PDF) 1 Page - Gunter Seniconductor GmbH.

부품명 SB120-0.9
상세설명  Chips for Schottky Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSG [Gunter Seniconductor GmbH.]
홈페이지  
Logo GSG - Gunter Seniconductor GmbH.

SB120-0.9 데이터시트(HTML) 1 Page - Gunter Seniconductor GmbH.

  SB120-0.9 Datasheet HTML 1Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SB 1XX - 0.9
Chips for Schottky Diodes
Chip Specification
General Description:
Schottky Diode chips with Mo-barrier for switch mode power
rectifiers with the following features:
* Guard-ring for stress protection
* Extremely low forward voltage
* 125 ℃
℃ operation junction temperature
* reverse avalanche behavior
Mechanical Data:
SB 1XX passivated Silicon Chip
Demension(mm)
0.9x0.9
Thickness:
350 +- 20
µm
Metallization:
Top ( Anode ) :
Al Ag
Bottom ( Cathode) : TiNiAg
Forward Current(A)
1 A
Reverse Voltage (V):23, 43, 100 V
Type
Chip
VR(V)
VF(V)@25 C
IRM@VRMM
size(mm)
at If=1A
at 25 C
SB120
0.9x0.9
23V
400mV
0,5mA
SB140
0.9x0.9
43 V
500mV
0,5mA
SB1100
0.9x0.9
100 V
730mV
0,5mA
Note: Other voltages, Vf & Top Metal AL are available


유사한 부품 번호 - SB120-0.9

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB120-05H SANYO-SB120-05H Datasheet
124Kb / 3P
   40V, 1.1A Rectifier
SB120-05R SANYO-SB120-05R Datasheet
81Kb / 3P
   50V, 12A Rectifier
More results

유사한 설명 - SB120-0.9

제조업체부품명데이터시트상세설명
logo
Gunter Seniconductor Gm...
SB120-1.1 GSG-SB120-1.1 Datasheet
299Kb / 1P
   Chips for Schottky Diodes
SB320-1.8 GSG-SB320-1.8 Datasheet
208Kb / 1P
   Chips for Schottky Diodes
MBR2045 GSG-MBR2045 Datasheet
76Kb / 1P
   Chips for Schottky Diodes
MBR1545 GSG-MBR1545 Datasheet
75Kb / 1P
   Chips for Schottky Diodes
MBR1025 GSG-MBR1025 Datasheet
96Kb / 1P
   Chips for Schottky Diodes
MBR4045 GSG-MBR4045 Datasheet
76Kb / 1P
   Chips for Schottky Diodes
SB120-1.3 GSG-SB120-1.3 Datasheet
250Kb / 1P
   Chips for Schottky Diodes
SB220-1.5 GSG-SB220-1.5 Datasheet
187Kb / 1P
   Chips for Schottky Diodes
SB520-2.0 GSG-SB520-2.0 Datasheet
197Kb / 1P
   Chips for Schottky Diodes
MBR5045 GSG-MBR5045 Datasheet
66Kb / 1P
   Chips for Schottky Diodes
MBR6045 GSG-MBR6045 Datasheet
75Kb / 1P
   Chips for Schottky Diodes
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com