전자부품 데이터시트 검색엔진 |
|
TL7712AP 데이터시트(PDF) 2 Page - Texas Instruments |
|
TL7712AP 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 10 page TL7702A, TL7705A, TL7709A, TL7712A, TL7715A SUPPLY-VOLTAGE SUPERVISORS SLVS028E – APRIL 1983 – REVISED JULY 1999 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 functional block diagram The functional block diagram is shown for illustrative purposes only; the actual circuit includes a trimming network to adjust the reference voltage and sense-comparator trip point. RESIN ≈100 µA R1 (see Note A) 6 5 1 Reference Voltage SENSE GND 8 3 7 2 4 VCC CT RESET RESET REF R2 (see Note A) NOTES: A. TL7702A: R1 = 0 Ω, R2 = open TL7705A: R1 = 7.8 k Ω, R2 = 10 kΩ TL7709A: R1 = 19.7 k Ω, R2 = 10 kΩ TL7712A: R1 = 32.7 k Ω, R2 = 10 kΩ TL7715A: R1 = 43.4 k Ω, R2 = 10 kΩ B. Resistor values shown are nominal. timing diagram Output Undefined RESET td Output Undefined VCC and SENSE td Threshold Voltage VCC ≈ 3.6 V VCC ≈ 2 V |
유사한 부품 번호 - TL7712AP |
|
유사한 설명 - TL7712AP |