전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1076 데이터시트(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 2SA1076
상세설명  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SA1076 데이터시트(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SA1076 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1076 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1076 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon PNP Power Transistors
2SA1075 2SA1076
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SA1075
-120
V(BR)CEO
Collector-emitter
breakdown voltage
2SA1076
IC=-1mA ;RBE=∞
-160
V
2SA1075
-120
V(BR)CBO
Collector-base
breakdown voltage
2SA1076
IC=-50μA; IE=0
-160
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-50μA; IC=0
-7
V
VCEsat
Collector-emitter saturation voltage
IC=-5A;IB=-0.5A
-1.8
V
VBE
Base-emitter voltage
IC=-5A;VCE=-5V
-1.7
V
2SA1075
VCB=-120V; IE=0
ICBO
Collector cut-off current
2SA1076
VCB=-160V; IE=0
-50
μA
2SA1075
VCE=-120V; IB=0
ICEO
Collector cut-off current
2SA1076
VCE=-160V; IB=0
-1
mA
IEBO
Emitter cut-off current
VEB=-7V; IC=0
-50
μA
hFE-1
DC current gain
IC=-1A ; VCE=-5V
60
200
hFE-2
DC current gain
IC=-7A ; VCE=-5V
40
Cob
Output capacitance
IE=0 ; VCB=-10V
300
pF
fT
Transition frequency
IC=-1A ; VCE=-10V
45
MHz
Switching times
tr
Rise time
-0.15
μs
ts
Storage time
-0.50
μs
tf
Fall time
IC=- 7.5A;RL=4Ω
IB1=- IB2=-0.75A
-0.11
μs


유사한 부품 번호 - 2SA1076

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
2SA1076 ETC1-2SA1076 Datasheet
57Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1076 ISC-2SA1076 Datasheet
183Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1076 SAVANTIC-2SA1076 Datasheet
132Kb / 3P
   Silicon PNP Power Transistors
More results

유사한 설명 - 2SA1076

제조업체부품명데이터시트상세설명
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com