전자부품 데이터시트 검색엔진 |
|
TLC2202MP 데이터시트(PDF) 10 Page - Texas Instruments |
|
TLC2202MP 데이터시트(HTML) 10 Page - Texas Instruments |
10 / 62 page TLC220x, TLC220xA, TLC220xB, TLC220xY Advanced LinCMOS ™ LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS175 – FEBRUARY 1997 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2201C operating characteristics at specified free-air temperature, VDD± = ±5 V PARAMETER TEST CONDITIONS TA† TLC2201AC TLC2210BC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT SR Slew rate at unity gain VO = ± 2.3 V, RL = 10 kΩ, 25 °C 2 2.7 2 2.7 V/ µs SR Slew rate at unity gain O , CL = 100 pF Full range 1.5 1.5 V/ µs V Equivalent input noise volt- f = 10 Hz 25 °C 18 35 18 30 nV/ √Hz Vn q age (see Note 5) f = 1 kHz 25 °C 8 15 8 12 nV/ √Hz VN(PP) Peak-to-peak equivalent input f = 0.1 to 1 Hz 25 °C 0.5 0.5 µV VN(PP) q noise voltage f = 0.1 to 10 Hz 25 °C 0.7 0.7 µV In Equivalent input noise current 25 °C 0.6 0.6 fA/ √Hz Gain bandwidth product f = 10 kHz, RL = 10 kΩ, 25 °C 19 19 MHz Gain-bandwidth product , CL = 100 pF L 25 °C 1.9 1.9 MHz φm Phase margin at unity gain RL = 10 kΩ, CL = 100 pF 25 °C 48 ° 48 ° † Full range is 0 °C to 70°C. NOTE 5: This parameter is tested on a sample basis for the TLC2201A and on all devices for the TLC2201B. For other test requirements, please contact the factory. This statement has no bearing on testing or nontesting of other parameters. |
유사한 부품 번호 - TLC2202MP |
|
유사한 설명 - TLC2202MP |