전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX79C7V5PT 데이터시트(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

부품명 BZX79C7V5PT
상세설명  SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENMKO [Chenmko Enterprise Co. Ltd.]
홈페이지  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BZX79C7V5PT 데이터시트(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  BZX79C7V5PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BZX79C7V5PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. BZX79C7V5PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CHENMKO ENTERPRISE CO.,LTD
AXIAL LEAD
SILICON PLANAR POWER ZENER DIODES
VOLTAGE RANGE 2.4V TO 51V
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
Max. Instantaneous Forward Voltage at IF= 10mA
CHARACTERISTICS
SYMBOL
UNITS
300
1.0
Volts
oC/W
Thermal Resistance Junction to Ambient
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Zener Current ( see Table "Characteristics" )
Max. Steady State Power Dissipation @TL=75oC,Lead Length=3/8"
Max. Operating Temperature Range
Storage Temperature Range
SYMBOL
-
PD
TJ
TSTG
R JA
VF
VALUE
MAX.
-
-
TYP.
-
-
MIN.
UNITS
-
mW
-
500
1. The numbers listd have a standaerd tolerance on the normal zener voltage of +5%.
2. The zener impedance is derived from 1KHz AC voltage, which results when an AC current having an RMS value equal to 10%
of DC zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee
on the breakdown curve to eliminate unstable units.
3. Valid provided that electrodes at distance of 8mm from case are kept ambient temperature.
4. Measured under thermal equilibrium and DC test conditions.
5. The rating listd in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave
or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT.
6. Measured at IZT= 2mA and IZK= 0.5mA.
FEATURE
* High temperature soldering type.
* ESD rating of class 3(>16 kV) per human body model.
* Silicon planar zener diodes.
* Silcon-oxide passivated junction.
* Low temperature coefficient voltage
MECHANICAL
* Axial-lead hermetically sealed package.
* DO-35 Packaging.
* Cathode indicated by polarity band.
* Mounting position: Any.
* Weight: Approx. 0.13g.
DO-35
DO-35
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
+200
-65 to +200
oC
oC
BZX79C 2V4PT
THRU
BZX79C 51PT
MAX.
.165 (4.2)
1.02 (26.0)
MIN.
1.02 (26.0)
MIN.
.079 (2.0)
MAX.
DIA.
.022 (0.56)
.018 (0.46)
DIA.
Dimensions in inches and (millimeters)


유사한 부품 번호 - BZX79C7V5PT

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
BZX79C7V5 FAIRCHILD-BZX79C7V5 Datasheet
22Kb / 2P
   Series Half Watt Zeners
logo
Taiwan Semiconductor Co...
BZX79C7V5 TSC-BZX79C7V5 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
logo
Fairchild Semiconductor
BZX79C7V5 FAIRCHILD-BZX79C7V5 Datasheet
47Kb / 5P
   Zeners
logo
Continental Device Indi...
BZX79C7V5 CDIL-BZX79C7V5 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79C7V5 EIC-BZX79C7V5 Datasheet
36Kb / 2P
   ZENER DIODES
More results

유사한 설명 - BZX79C7V5PT

제조업체부품명데이터시트상세설명
logo
Chenmko Enterprise Co. ...
1N5221PT CHENMKO-1N5221PT Datasheet
132Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 200V
logo
WILLAS ELECTRONIC CORP
BZT52-C2V4S WILLAS-BZT52-C2V4S Datasheet
303Kb / 3P
   200mW SURFACE MOUNT SILICON ZENER DIODES 2.4V~51V SOD-323 PACKAGE
logo
Chenmko Enterprise Co. ...
BZX55C0V8PT CHENMKO-BZX55C0V8PT Datasheet
172Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 0.8V TO 200V
BZX85C2V7PT CHENMKO-BZX85C2V7PT Datasheet
139Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.7V TO 200V
1N4728PT CHENMKO-1N4728PT Datasheet
122Kb / 3P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 3.3V TO 100V
logo
First Components Intern...
1N5225A FCI-1N5225A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5224A FCI-1N5224A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5223A FCI-1N5223A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5221A FCI-1N5221A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5222A FCI-1N5222A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com