전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC817-16LT1 데이터시트(PDF) 1 Page - Motorola, Inc

부품명 BC817-16LT1
상세설명  CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC817-16LT1 데이터시트(HTML) 1 Page - Motorola, Inc

  BC817-16LT1 Datasheet HTML 1Page - Motorola, Inc BC817-16LT1 Datasheet HTML 2Page - Motorola, Inc BC817-16LT1 Datasheet HTML 3Page - Motorola, Inc BC817-16LT1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
General Purpose Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
VCEO
45
V
Collector – Base Voltage
VCBO
50
V
Emitter – Base Voltage
VEBO
5.0
V
Collector Current — Continuous
IC
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate, (2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
DEVICE MARKING
BC817–16LT1 = 6A; BC817–25LT1 = 6B; BC817–40LT1 = 6C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = –10 mA)
V(BR)CEO
45
V
Collector – Emitter Breakdown Voltage
(VEB = 0, IC = –10 µA)
V(BR)CES
50
V
Emitter – Base Breakdown Voltage
(IE = –1.0 mA)
V(BR)EBO
5.0
V
Collector Cutoff Current
(VCB = 20 V)
(VCB = 20 V, TA = 150°C)
ICBO
100
5.0
nA
µA
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Thermal Clad is a registered trademark of the Bergquist Company.
Order this document
by BC817–16LT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BC817-16LT1
BC817-25LT1
BC817-40LT1
1
2
3
CASE 318 – 08, STYLE 6
SOT– 23 (TO – 236AB)
© Motorola, Inc. 1996
COLLECTOR
3
2
BASE
1
EMITTER


유사한 부품 번호 - BC817-16LT1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BC817-16LT1 ONSEMI-BC817-16LT1 Datasheet
58Kb / 4P
   General Purpose Transistors(NPN Silicon)?
June, 2004 ??Rev. 6
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BC817-16LT1G ONSEMI-BC817-16LT1G Datasheet
58Kb / 4P
   General Purpose Transistors(NPN Silicon)?
June, 2004 ??Rev. 6
BC817-16LT1G ONSEMI-BC817-16LT1G Datasheet
125Kb / 10P
   General Purpose Transistors
October, 2010 ??Rev. 11
BC817-16LT1G ONSEMI-BC817-16LT1G Datasheet
186Kb / 10P
   General Purpose Transistors NPN Silicon Collector ??Emitter Voltage VCEO 45
November, 2011 ??Rev. 11
More results

유사한 설명 - BC817-16LT1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC856ALT1 MOTOROLA-BC856ALT1 Datasheet
249Kb / 8P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
BC846ALT1 MOTOROLA-BC846ALT1 Datasheet
220Kb / 6P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
BAL99LT1 MOTOROLA-BAL99LT1 Datasheet
70Kb / 4P
   CASE 318-08, STYLE 18 SOT-23 (TO-236AB)
BAS4006LT1 MOTOROLA-BAS4006LT1 Datasheet
76Kb / 4P
   CASE 318-08, STYLE 11 SOT-23 (TO-236AB)
BAS21LT1 MOTOROLA-BAS21LT1 Datasheet
66Kb / 4P
   CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
BAS40LT1 MOTOROLA-BAS40LT1 Datasheet
73Kb / 4P
   CASE 318-08, STYLE 8 SOT-23 TO-236AB
2N7002LT1 MOTOROLA-2N7002LT1 Datasheet
94Kb / 6P
   CASE 318-08, STYLE 21 SOT-23 (TO-236AB)
BAS4004LT1 MOTOROLA-BAS4004LT1 Datasheet
75Kb / 4P
   CASE 318 08, STYLE 12 SOT 23 (TO 236AB)
BAS7004LT1 MOTOROLA-BAS7004LT1 Datasheet
74Kb / 4P
   CASE 318-08, STYLE 12 SOT-23 TO-236AB
BAS70LT1 MOTOROLA-BAS70LT1 Datasheet
72Kb / 4P
   CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com