전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC856ALT1 데이터시트(PDF) 5 Page - Motorola, Inc

부품명 BC856ALT1
상세설명  CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC856ALT1 데이터시트(HTML) 5 Page - Motorola, Inc

  BC856ALT1 Datasheet HTML 1Page - Motorola, Inc BC856ALT1 Datasheet HTML 2Page - Motorola, Inc BC856ALT1 Datasheet HTML 3Page - Motorola, Inc BC856ALT1 Datasheet HTML 4Page - Motorola, Inc BC856ALT1 Datasheet HTML 5Page - Motorola, Inc BC856ALT1 Datasheet HTML 6Page - Motorola, Inc BC856ALT1 Datasheet HTML 7Page - Motorola, Inc BC856ALT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BC856ALT1,BLT1 BC857ALT1, BLT1,CLT1 BC858ALT1,BLT1,CLT1
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 13. Thermal Response
t, TIME (ms)
1.0
2.0
5.0
1.0
0.5
0.2
0.1
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.01
20
50
10
200
500
100
1.0 k
2.0 k
5.0 k
10 k
Figure 14. Active Region Safe Operating Area
VCE, COLLECTOR–EMITTER VOLTAGE (V)
–200
–1.0
TA = 25°C
D = 0.5
0.2
0.1
0.05
SINGLE PULSE
SINGLE PULSE
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
3 ms
TJ = 25°C
Z
θJC(t) = r(t) RθJC
R
θJC = 83.3°C/W MAX
Z
θJA(t) = r(t) RθJA
R
θJA = 200°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
t1
t2
P(pk)
DUTY CYCLE, D = t1/t2
–100
–50
–10
–5.0
–2.0
–5.0
–10
–30 –45 –65
–100
1 s
BC558
BC557
BC556
The safe operating area curves indicate IC–VCE limits of the
transistor that must be observed for reliable operation. Collector load
lines for specific circuits must fall below the limits indicated by the
applicable curve.
The data of Figure 14 is based upon TJ(pk) = 150°C; TC or TA is
variable depending upon conditions. Pulse curves are valid for duty
cycles to 10% provided TJ(pk) ≤ 150°C. TJ(pk) may be calculated from
the data in Figure 13. At high case or ambient temperatures, thermal
limitations will reduce the power that can be handled to values less
than the limitations imposed by the secondary breakdown.


유사한 부품 번호 - BC856ALT1

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
BC856ALT1 LRC-BC856ALT1 Datasheet
211Kb / 5P
   General Purpose Transistors(PNP Silicon)
logo
ON Semiconductor
BC856ALT1 ONSEMI-BC856ALT1 Datasheet
109Kb / 8P
   General Purpose Transistors
June, 2004 ??Rev. 8
BC856ALT1G ONSEMI-BC856ALT1G Datasheet
172Kb / 7P
   General Purpose Transistors PNP Silicon
August, 2009 ??Rev. 11
BC856ALT1G ONSEMI-BC856ALT1G Datasheet
154Kb / 7P
   General Purpose Transistors
October, 2016 ??Rev. 15
logo
First Silicon Co., Ltd
BC856ALT1G FS-BC856ALT1G Datasheet
179Kb / 8P
   General Purpose Transistors
More results

유사한 설명 - BC856ALT1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC846ALT1 MOTOROLA-BC846ALT1 Datasheet
220Kb / 6P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
BC81716LT1 MOTOROLA-BC81716LT1 Datasheet
90Kb / 4P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
BAL99LT1 MOTOROLA-BAL99LT1 Datasheet
70Kb / 4P
   CASE 318-08, STYLE 18 SOT-23 (TO-236AB)
BAS4006LT1 MOTOROLA-BAS4006LT1 Datasheet
76Kb / 4P
   CASE 318-08, STYLE 11 SOT-23 (TO-236AB)
BAS21LT1 MOTOROLA-BAS21LT1 Datasheet
66Kb / 4P
   CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
BAS40LT1 MOTOROLA-BAS40LT1 Datasheet
73Kb / 4P
   CASE 318-08, STYLE 8 SOT-23 TO-236AB
2N7002LT1 MOTOROLA-2N7002LT1 Datasheet
94Kb / 6P
   CASE 318-08, STYLE 21 SOT-23 (TO-236AB)
BAS4004LT1 MOTOROLA-BAS4004LT1 Datasheet
75Kb / 4P
   CASE 318 08, STYLE 12 SOT 23 (TO 236AB)
BAS7004LT1 MOTOROLA-BAS7004LT1 Datasheet
74Kb / 4P
   CASE 318-08, STYLE 12 SOT-23 TO-236AB
BAS70LT1 MOTOROLA-BAS70LT1 Datasheet
72Kb / 4P
   CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com