전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP-8998SQ-06-1001-FG-0 데이터시트(PDF) 2 Page - IRC - a TT electronics Company.

부품명 FP-8998SQ-06-1001-FG-0
상세설명  Space Flight Surface Mount Flat Packs Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRCTT [IRC - a TT electronics Company.]
홈페이지  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

FP-8998SQ-06-1001-FG-0 데이터시트(HTML) 2 Page - IRC - a TT electronics Company.

  FP-8998SQ-06-1001-FG-0 Datasheet HTML 1Page - IRC - a TT electronics Company. FP-8998SQ-06-1001-FG-0 Datasheet HTML 2Page - IRC - a TT electronics Company. FP-8998SQ-06-1001-FG-0 Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Environmental Data
Environnmental Test
MIL-PRF-83401
Maximum
ΔR per
Characteristic H
Performance
Typical
Maximum
Thermal Shock and Power Conditioning
±0.50%
±0.02%
±0.10%
Low Temperature Operation
±0.10%
±0.01%
±0.01%
Short Time Overload
±0.10%
±0.01%
±0.05%
High Temperature Exposure
±0.20%
±0.03%
±0.10%
Effects of Solder
±0.10%
±0.02%
±0.10%
Moisture Resistance
±0.40%
±0.03%
±0.10%
Life
±0.50%
±0.03%
±0.10%
0.825
″ Max
L
0.250
″ ± .010″
0.050
″ ± .005″
0.300
″ ± .050″
0.017
″ ± .002″
0.075
″ Max
0.250
″ ± .010″
0.005
″ ± .001″
0.030
″ max miniscus
typ
0.305
″ Max
included miniscus
Physical and Schematic Data
Space Flight Surface Mount
Flat Packs Resistor Networks
N
N-1
N-2
N / 2
1
2
3
Isolated Schematic A
N
N-1
N-2
N / 2
1
2
3
Bussed Schematic B
# of
leads
Dimension L
14
0.375
″ ± .010″
16
0.390
″ ± .020″
8900 Space Series Issue Feb 2009 Sheet 2 of 3


유사한 부품 번호 - FP-8998SQ-06-1001-FG-0

제조업체부품명데이터시트상세설명
logo
IRC - a TT electronics ...
FP-8998-01-1001DB IRCTT-FP-8998-01-1001DB Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
FP-8998-01-1001DC IRCTT-FP-8998-01-1001DC Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
FP-8998-01-1001DD IRCTT-FP-8998-01-1001DD Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
FP-8998-01-1001DF IRCTT-FP-8998-01-1001DF Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
FP-8998-01-1001FB IRCTT-FP-8998-01-1001FB Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
More results

유사한 설명 - FP-8998SQ-06-1001-FG-0

제조업체부품명데이터시트상세설명
logo
IRC - a TT electronics ...
GUS-TS8A-00-1002-J IRCTT-GUS-TS8A-00-1002-J Datasheet
336Kb / 4P
   Surface Mount TSSOP Resistor Networks
GUS-SS4A-00-1002-J IRCTT-GUS-SS4A-00-1002-J Datasheet
300Kb / 4P
   Surface Mount SOIC Resistor Networks
logo
TT Electronics.
GUS-QS8BLF012001-G TTELEC-GUS-QS8BLF012001-G Datasheet
336Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Welwyn Components Limit...
SOIC WELWYN-SOIC Datasheet
429Kb / 3P
   Surface Mount SOIC Resistor Networks
logo
IRC - a TT electronics ...
SOT-SOT143-00-A002-G IRCTT-SOT-SOT143-00-A002-G Datasheet
344Kb / 3P
   SOT143 Surface Mount Resistor Networks
GUS-QS8A-00-1002-J IRCTT-GUS-QS8A-00-1002-J Datasheet
387Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Vishay Siliconix
FP200 VISHAY-FP200 Datasheet
99Kb / 2P
   Hermetic Flat-Pak Resistor Networks
Revision 18-Nov-02
FP201 VISHAY-FP201 Datasheet
223Kb / 3P
   Hermetic Flat-Pak Resistor Networks
Revision: 05-Mar-08
logo
Bi technologies
627T BITECH-627T Datasheet
153Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
627T BITECH-627T Datasheet
61Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com