전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1-1S0524N 데이터시트(PDF) 1 Page - Tumbler Technologies + TRUMPower

부품명 TS1-1S0524N
상세설명  DC/DC CONVERTERS 4-pin SIP, 0.25 to 1 Watt
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRUMPOWER [Tumbler Technologies + TRUMPower]
홈페이지  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TS1-1S0524N 데이터시트(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TS1-1S0524N Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24 VDC IN
15 VDC IN
5 VDC IN
200 mA
83 mA
66 mA
42 mA
*MODEL NUMBER
OUTPUT
POWER
OUTPUT
VOLTAGE
OUTPUT
CURRENT
5 VDC
12 VDC
15 VDC
24 VDC
1W
1W
1W
1W
0.25W, 0.5W, 0.75W versions and other input/output combinations are available.
*Specify TS1-1QSxxxxN, TS1-2QSxxxxN and TS1-3QSxxxxN for 0.25W, 0.5W and 0.75W respectively.
PIN SIZE: 0.02 X 0.01 INCH
ALL DIMENSIONS IN INCHES (mm)
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and
Full Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Input Voltage Range..............................................±10%
Input Filter.....................................................Capacitors
OUTPUT SPECIFICATIONS
Voltage Accuracy..........................................±5%, Max.
Line Regulation, FL...........................±1.2%/%Vin, Max.
Load Regulation, FL-20%FL..........................±8%, Max.
Ripple and Noise, 20MHz BW.............100 mVp-p, Max.
Short Circuit Protection.................................Momentary
GENERAL SPECIFICATIONS
Efficiency.........................................................72 - 80%
Isolation Voltage, Input to Output..................1,000 VDC
>> For 3,000 VDC ioslation, see TS1-NH series. <<
Isolation Resistance................................109 Ohms, Min.
Switching Frequency...................................80 kHz, Min.
Operating Temperature Range................-25°C to +71°C
(Add Suffix "T" for -40 to +85°C Extended Temperature Range.)
Storage Temperature Range.................-55°C to +125°C
Cooling...........................................Free Air Convection
Weight.................................................0.1 oz. (2 grams)
Case Material...................Non-Conductive Black Plastic
TS1-1S1505N
TS1-1S1512N
TS1-1S1515N
TS1-1S1524N
TS1-1S1205N
TS1-1S1212N
TS1-1S1215N
TS1-1S1224N
TS1-1S0505N
TS1-1S0512N
TS1-1S0515N
TS1-1S0524N
12 VDC IN
TS1-1S2405N
TS1-1S2412N
TS1-1S2415N
TS1-1S2424N
TS1-N Series
4-pin SIP, 0.25 to 1 Watt
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
Rev. A4
-01/2008-
48 VDC IN
TS1-1S4805N
TS1-1S4812N
TS1-1S4815N
TS1-1S4824N
TRUMPower
DC/DC CONVERTERS
T
0.46
(11.7)
14
3
2
0.10
(2.54)
0.40
(10.1)
0.12
(3.05)
0.05
(1.27)
0.24
(6.0)
PIN
FUNCTION
-V Input
+V Input
-V Output
+V Output
PIN CONNECTIONS
1
2
3
4


유사한 부품 번호 - TS1-1S0524N

제조업체부품명데이터시트상세설명
logo
Tumbler Technologies + ...
TS1-1S0524N TRUMPOWER-TS1-1S0524N Datasheet
16Kb / 1P
   DC/DC CONVERTERS
TS1-1S0524NH TRUMPOWER-TS1-1S0524NH Datasheet
16Kb / 1P
   DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
TS1-1S0524NH TRUMPOWER-TS1-1S0524NH Datasheet
16Kb / 1P
   DC/DC CONVERTERS
More results

유사한 설명 - TS1-1S0524N

제조업체부품명데이터시트상세설명
logo
Tumbler Technologies + ...
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
TSC-1S053.3 TRUMPOWER-TSC-1S053.3 Datasheet
15Kb / 1P
   DC/DC CONVERTERS 7-Pin SIP, Regulated 1 Watt
TS1-1S0505NH TRUMPOWER-TS1-1S0505NH Datasheet
16Kb / 1P
   DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
TSC-1S053.3NH TRUMPOWER-TSC-1S053.3NH Datasheet
15Kb / 1P
   DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
logo
AIMTEC
AMQL-N AIMTEC-AMQL-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
logo
Tumbler Technologies + ...
TSC2-2S053.3N TRUMPOWER-TSC2-2S053.3N Datasheet
27Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 2 Watt
logo
List of Unclassifed Man...
TSD-1251 ETC1-TSD-1251 Datasheet
48Kb / 1P
   2.25 WATT SIP DC/DC CONVERTERS
logo
Premier Magnetics, Inc.
S6AU050925 PMI-S6AU050925 Datasheet
25Kb / 1P
   2.25 WATT SIP DC/DC CONVERTERS
logo
List of Unclassifed Man...
D01-01 ETC1-D01-01 Datasheet
51Kb / 1P
   1 WATT DC TO DC CONVERTERS
logo
Tumbler Technologies + ...
TA2W-4S243.3 TRUMPOWER-TA2W-4S243.3 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 24-pin DIP, 4-6 Watt
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com