전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U10C05PT 데이터시트(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

부품명 U10C05PT
상세설명  ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENMKO [Chenmko Enterprise Co. Ltd.]
홈페이지  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

U10C05PT 데이터시트(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  U10C05PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. U10C05PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Dual rectifier construction, positive centertap
* Glass passivated chip junctions
* Low power loss
* Low forward voltage, high current capability
* High surge current capability
* Ultra fast recovery times for high efficiency
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: JEDEC TO-220 molded plastic
Terminals: Lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Weight: 2.24 grams ( Approximately )
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
U10C05PT
THRU
U10C60PT
TO-220
CHENMKO ENTERPRISE CO.,LTD
ULTRA FAST RECTIFIER
VOLTAGE RANGE 50 - 600 Volts
CURRENT 10 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
CHARACTERISTICS
SYMBOL
UNITS
0.975
1.30
1.50
10.0
uAmps
250
nS
Volts
Maximum Instantaneous Forward Voltage at 5.0 A DC
Maximum DC reverse current
at rated DC blocking voltage per leg
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical thermal resistance ( NOTE 2 )
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
VF
35
50
Maximum reverse recovery time ( NOTE 3 ) per leg
trr
IR
TJ, TSTG
IFSM
U10C05PT
UNITS
Volts
Volts
Volts
Amps
U10C20PT
200
140
200
300
210
300
U10C60PT
U10C50PT
420
600
600
U10C40PT
350
500
500
U10C30PT
280
400
400
10.0
125
3.0
-65 to +150
Amps
oC / W
oC
50
35
50
U10C10PT
100
70
100
U10C15PT
150
105
150
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
2. Thermal resistance from junction to case per leg mounted on heatsink
3. Reverse recovery test conditions : IF = 0.5 A, Ir = -1.0 A, Irr = -0.25 A.
4. Suffix " C " = Common Cathod, Suffix " A " = Common Anode, Suffix " D " = Double.
R JC
Typical Junction capacitance per leg ( NOTE 1 )
70
120
pF
CJ
TC = 25
oC
TC = 100
oC
TO-220
Dimensions in inches and (millimeters)
.153 (3.9)
.413 (10.5)
.108
.051
.374 (9.5)
(2.75)
(1.3)
.148 (3.8)
.053 (1.3)
.047 (1.2)
.270 (6.9)
.610 (15.5)
.583 (14.8)
.043 (1.1)
.102 (2.6)
.091 (2.3)
.035 (0.9)
.583 (14.8)
.157
.126
(4.0)
(3.2)
.531 (13.5)
.028 (0.7)
.020 (0.5)
.230 (5.8)
.187 (4.7)
.146 (3.7)
U10C05PT
U10C20PT
U10C60PT
U10C50PT
U10C40PT
U10C30PT
U10C10PT U10C15PT


유사한 부품 번호 - U10C05PT

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
U10C05 MOSPEC-U10C05 Datasheet
167Kb / 2P
   Switchmode Dual Ultrafast Power Rectifiers
More results

유사한 설명 - U10C05PT

제조업체부품명데이터시트상세설명
logo
Shenzhen Ping Sheng Ele...
UF5400 PFS-UF5400 Datasheet
170Kb / 2P
   ULTRA FAST RECTIFIER
logo
Solid States Devices, I...
SDR6K SSDI-SDR6K_2 Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
   Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
   Ultra Fast Rectifier
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
   ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0135A SSDI-RC0135A Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0164A SSDI-RC0164A Datasheet
138Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
   ULTRA FAST RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com